Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 62Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 63Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 64Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 65Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 66Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 67Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 68Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 69Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
PIC16F84A
DS35007B-page 64
© 2001 Microchip Technology Inc.
FIGURE 10-5:
TYPICAL IDD vs. FOSC OVER VDD (LP MODE, 25°C)
FIGURE 10-6:
MAXIMUM IDD vs. FOSC OVER VDD (LP MODE, -40° TO +125°C)
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
175
200
FOSC (kHz)
5.0 V
5.5 V
4.0 V
3.5 V
4.5 V
3.0 V
2.5 V
2.0 V
0
50
100
150
200
250
25
50
75
100
125
150
175
200
FOSC (kHz)
5.0 V
5.5 V
4.0 V
3.5 V
4.5 V
3.0 V
2.5 V
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com