Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 74Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 75Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 76Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 77Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 78Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 79Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 80Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 81Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
PIC16F84A
DS35007B-page 76
© 2001 Microchip Technology Inc.
APPENDIX B:
CONVERSION CONSIDERATIONS
Considerations for converting from one PIC16X8X
device to another are listed in Table 1.
TABLE 1:
CONVERSION CONSIDERATIONS - PIC16C84, PIC16F83/F84, PIC16CR83/CR84,
PIC16F84A
Difference
PIC16C84
PIC16F83/F84
PIC16CR83/
CR84
PIC16F84A
Program Memory Size
1K x 14
512 x 14 / 1K x 14
512 x 14 / 1K x 14
1K x 14
Data Memory Size
36 x 8
36 x 8 / 68 x 8
36 x 8 / 68 x 8
68 x 8
Voltage Range
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 5.5V
(-40
°C to +125°C)
Maximum Operating Fre-
quency
10 MHz
10 MHz
10 MHz
20 MHz
Supply Current (IDD).
See parameter # D014 in
the electrical specs for
more detail.
IDD (typ) = 60
µA
IDD (max) = 400
µA
(LP osc, FOSC = 32 kHz,
VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC = 32 kHz,
VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC = 32 kHz,
VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC = 32 kHz,
VDD = 2.0V,
WDT disabled)
Power-down Current
(IPD). See parameters #
D020, D021, and D021A
in the electrical specs for
more detail.
IPD (typ) = 26
µA
IPD (max) = 100
µA
(VDD = 2.0V,
WDT disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 9
µA
(VDD = 2.0V,
WDT disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 6
µA
(VDD = 2.0V,
WDT disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 1
µA
(VDD = 2.0V,
WDT disabled, industrial)
Input Low Voltage (VIL).
See parameters # D032
and D034 in the electrical
specs for more detail.
VIL (max) = 0.2VDD
(OSC1, RC mode)
VIL (max) = 0.1VDD
(OSC1, RC mode)
VIL (max) = 0.1VDD
(OSC1, RC mode)
VIL (max) = 0.1VDD
(OSC1, RC mode)
Input High Voltage (VIH).
See parameter # D040 in
the electrical specs for
more detail.
VIH (min) = 0.36VDD
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
Data EEPROM Memory
Erase/Write cycle time
(TDEW). See parameter #
D122 in the electrical
specs for more detail.
TDEW (typ) = 10 ms
TDEW (max) = 20 ms
TDEW (typ) = 10 ms
TDEW (max) = 20 ms
TDEW (typ) = 10 ms
TDEW (max) = 20 ms
TDEW (typ) = 4 ms
TDEW (max) = 8 ms
Port Output Rise/Fall
time (TioR, TioF). See
parameters #20, 20A,
21, and 21A in the elec-
trical specs for more
detail.
TioR, TioF (max) = 25 ns
(C84)
TioR, TioF (max) = 60 ns
(LC84)
TioR, TioF (max) = 35 ns
(C84)
TioR, TioF (max) = 70 ns
(LC84)
TioR, TioF (max) = 35 ns
(C84)
TioR, TioF (max) = 70 ns
(LC84)
TioR, TioF (max) = 35 ns
(C84)
TioR, TioF (max) = 70 ns
(LC84)
MCLR on-chip filter. See
parameter #30 in the
electrical specs for more
detail.
No
Yes
Yes
Yes
PORTA and crystal oscil-
lator values less than
500 kHz
For crystal oscillator con-
figurations operating
below 500 kHz, the device
may generate a spurious
internal Q-clock when
PORTA<0> switches
state.
N/A
N/A
N/A
RB0/INT pin
TTL
TTL/ST*
(*Schmitt Trigger)
TTL/ST*
(*Schmitt Trigger)
TTL/ST*
(*Schmitt Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com