Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 10Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 11Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 12Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 13Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 14Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 15Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 16Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 17Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
PIC16F84A
DS35007B-page 12
© 2001 Microchip Technology Inc.
FIGURE 2-3:
DIRECT/INDIRECT ADDRESSING
Direct Addressing
RP1 RP0
6
From Opcode
0IRP
7
(FSR)
0
Indirect Addressing
Bank Select
Location Select
Bank Select
Location Select
00
01
80h
FFh
00h
0Bh
0Ch
7Fh
Bank 0
Bank 1
Note
1: For memory map detail, see Figure 2-2.
2: Maintain as clear for upward compatibility with future products.
3: Not implemented.
4Fh
50h
Data
Memory(1)
(3)
(3)
(2)
(2)
Addresses
map back to
Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com