Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 49Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 50Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 51Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 52Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 53Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 54Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 55Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 56Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 51
PIC16F84A
9.1
DC Characteristics
PIC16LF84A-04
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
PIC16F84A-04
(Commercial, Industrial, Extended)
PIC16F84A-20
(Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
VDD
Supply Voltage
D001
16LF84A
2.0
—
5.5
V
XT, RC, and LP osc configuration
D001
D001A
16F84A
4.0
4.5
—
—
5.5
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002
VDR
RAM Data Retention
Voltage (Note 1)
1.5
—
—
V
Device in SLEEP mode
D003
VPOR
VDD Start Voltage to ensure
internal Power-on Reset
signal
—
Vss
—
V
See section on Power-on Reset for details
D004
SVDD
VDD Rise Rate to ensure
internal Power-on Reset
signal
0.05
—
—
V/ms
IDD
Supply Current (Note 2)
D010
16LF84A
—
1
4
mA
RC and XT osc configuration (Note 4)
FOSC = 2.0 MHz, VDD = 5.5V
D010
D010A
D013
16F84A
—
—
—
1.8
3
10
4.5
10
20
mA
mA
mA
RC and XT osc configuration (Note 4)
FOSC = 4.0 MHz, VDD = 5.5V
RC and XT osc configuration (Note 4)
FOSC = 4.0 MHz, VDD = 5.5V
(During FLASH programming)
HS osc configuration (PIC16F84A-20)
FOSC = 20 MHz, VDD = 5.5V
D014
16LF84A
—
15
45
µA LP osc configuration
FOSC = 32 kHz, VDD = 2.0V, WDT disabled
Legend: Rows with standard voltage device data only are shaded for improved readability.
†
Data in "Typ" column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
NR
Not rated for operation.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern, and temperature also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD,
T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be
estimated by the formula IR = VDD/2REXT (mA) with REXT in kOhm.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com