Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 2Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 3Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 4Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 5Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 6Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 7Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 8Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 9Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
PIC16F84A
DS35007B-page 4
© 2001 Microchip Technology Inc.
TABLE 1-1:
PIC16F84A PINOUT DESCRIPTION
Pin Name
PDIP
No.
SOIC
No.
SSOP
No.
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
16
16
18
I
ST/CMOS(3) Oscillator crystal input/external clock source input.
OSC2/CLKOUT
15
15
19
O
—
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode. In RC mode,
OSC2 pin outputs CLKOUT, which has 1/4 the
frequency of OSC1 and denotes the instruction
cycle rate.
MCLR
4
4
4
I/P
ST
Master Clear (Reset) input/programming voltage
input. This pin is an active low RESET to the device.
PORTA is a bi-directional I/O port.
RA0
17
17
19
I/O
TTL
RA1
18
18
20
I/O
TTL
RA2
1
1
1
I/O
TTL
RA3
2
2
2
I/O
TTL
RA4/T0CKI
3
3
3
I/O
ST
Can also be selected to be the clock input to the
TMR0 timer/counter. Output is open drain type.
PORTB is a bi-directional I/O port. PORTB can be
software programmed for internal weak pull-up on
all inputs.
RB0/INT
6
6
7
I/O
TTL/ST(1)
RB0/INT can also be selected as an external
interrupt pin.
RB1
7
7
8
I/O
TTL
RB2
8
8
9
I/O
TTL
RB3
9
9
10
I/O
TTL
RB4
10
10
11
I/O
TTL
Interrupt-on-change pin.
RB5
11
11
12
I/O
TTL
Interrupt-on-change pin.
RB6
12
12
13
I/O
TTL/ST(2)
Interrupt-on-change pin.
Serial programming clock.
RB7
13
13
14
I/O
TTL/ST(2)
Interrupt-on-change pin.
Serial programming data.
VSS
5
5
5,6
P
—
Ground reference for logic and I/O pins.
VDD
14
14
15,16
P
—
Positive supply for logic and I/O pins.
Legend: I= input
O = Output
I/O = Input/Output
P = Power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3: This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com