Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 36Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 37Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 38Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 39Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 40Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 41Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 42Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 43Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
PIC16F84A
DS35007B-page 38
© 2000 Microchip Technology Inc.
BTFSC
Bit Test, Skip if Clear
Syntax:
[
label] BTFSC f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Description:
If bit ’b’ in register ’f’ is ’1’, the next
instruction is executed.
If bit ’b’ in register ’f’ is ’0’, the next
instruction is discarded, and a NOP
is executed instead, making this a
2TCY instruction.
CALL
Call Subroutine
Syntax:
[
label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return
address (PC+1) is pushed onto
the stack. The eleven-bit immedi-
ate address is loaded into PC bits
<10:0>. The upper bits of the PC
are loaded from PCLATH. CALL is
a two-cycle instruction.
CLRF
Clear f
Syntax:
[
label] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Description:
The contents of register ’f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[
label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z)
is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[
label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT. Status bits
TO and PD are set.
COMF
Complement f
Syntax:
[
label ] COMF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (destination)
Status Affected:
Z
Description:
The contents of register ’f’ are
complemented. If ’d’ is 0, the
result is stored in W. If ’d’ is 1, the
result is stored back in register ’f’.
DECF
Decrement f
Syntax:
[
label] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (destination)
Status Affected:
Z
Description:
Decrement register ’f’. If ’d’ is 0,
the result is stored in the W regis-
ter. If ’d’ is 1, the result is stored
back in register ’f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com