Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 26Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 27Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 28Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 29Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 30Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 31Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 32Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 33Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
PIC16F84A
DS35007B-page 28
© 2001 Microchip Technology Inc.
FIGURE 6-9:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD):
SLOW VDD RISE TIME
6.7
Time-out Sequence and
Power-down Status Bits (TO/PD)
On power-up (Figures 6-6 through 6-9), the time-out
sequence is as follows:
1.
PWRT time-out is invoked after a POR has
expired.
2.
Then, the OST is activated.
The total time-out will vary based on oscillator configu-
ration and PWRTE configuration bit status. For exam-
ple, in RC mode with the PWRT disabled, there will be
no time-out at all.
TABLE 6-5:
TIME-OUT IN VARIOUS
SITUATIONS
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high, execution will begin immediately
(Figure 6-6). This is useful for testing purposes or to
synchronize more than one PIC16F84A device when
operating in parallel.
Table 6-6 shows the significance of the TO and PD bits.
Table 6-3 lists the RESET conditions for some special
registers, while Table 6-4 lists the RESET conditions
for all the registers.
TABLE 6-6:
STATUS BITS AND THEIR
SIGNIFICANCE
VDD
MCLR
V1
When VDD rises very slowly, it is possible that the TPWRT time-out and TOST time-out will expire before VDD
has reached its final value. In this example, the chip will reset properly if, and only if, V1
≥ VDD min.
INTERNAL POR
TPWRT
TOST
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET
Oscillator
Configuration
Power-up
Wake-up
from
SLEEP
PWRT
Enabled
PWRT
Disabled
XT, HS, LP
72 ms +
1024TOSC
1024TOSC
1024TOSC
RC
72 ms
——
TO
PD
Condition
11
Power-on Reset
0x
Illegal, TO is set on POR
x0
Illegal, PD is set on POR
01
WDT Reset (during normal operation)
00
WDT Wake-up
11
MCLR during normal operation
10
MCLR during SLEEP or interrupt
wake-up from SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com