Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF84AT-04/SSROM Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16LF84AT-04/SSROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-04/SSROM Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16LF84AT-04/SSROM Datasheet HTML 23Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 24Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 25Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 26Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 27Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 28Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 29Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 30Page - Microchip Technology PIC16LF84AT-04/SSROM Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 25
PIC16F84A
TABLE 6-4:
RESET CONDITIONS FOR ALL REGISTERS
Register
Address
Power-on Reset
MCLR during:
– normal operation
– SLEEP
WDT Reset during
normal operation
Wake-up from SLEEP:
– through interrupt
– through WDT Time-out
W
—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h
---- ----
---- ----
---- ----
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h
0000 0000
0000 0000
PC + 1(2)
STATUS
03h
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
04h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
(4)
05h
---x xxxx
---u uuuu
---u uuuu
PORTB
(5)
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATA
08h
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADR
09h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
0Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh
0000 000x
0000 000u
uuuu uuuu(1)
INDF
80h
---- ----
---- ----
---- ----
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
PCL
82h
0000 0000
0000 0000
PC + 1(2)
STATUS
83h
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TRISA
85h
---1 1111
---1 1111
---u uuuu
TRISB
86h
1111 1111
1111 1111
uuuu uuuu
EECON1
88h
---0 x000
---0 q000
---0 uuuu
EECON2
89h
---- ----
---- ----
---- ----
PCLATH
8Ah
---0 0000
---0 0000
---u uuuu
INTCON
8Bh
0000 000x
0000 000u
uuuu uuuu(1)
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as '0', q = value depends on condition
Note 1: One or more bits in INTCON will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3: Table 6-3 lists the RESET value for each specific condition.
4: On any device RESET, these pins are configured as inputs.
5: This is the value that will be in the port output latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com