Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F18323-E/RFQTP Datasheet HTML 1Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 2Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 3Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 4Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 5Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 6Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 7Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 8Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 2
Preliminary
 2015 Microchip Technology Inc.
• Up to 12 I/O Pins:
- Individually programmable pull-ups
- Slew rate control
- Interrupt-on-change with edge select
- Input level selection control (ST or TTL)
- Digital Open-Drain enable
• Peripheral Pin Select (PPS):
- I/O pin remapping of digital peripherals
Timer Modules
•Timer0:
- 8/16-bit timer/counter
- Synchronous or asynchronous operation
- Programmable Prescaler/Postscaler
- Time base for Capture/Compare function
• Timer1 with Gate Control:
- 16-bit timer/counter
- Programmable internal or external clock
sources
- Multiple gate sources
- Multiple gate modes
- Time base for Capture/Compare function
•Timer2:
- 8-bit timer
- Programmable Prescaler/Postscaler
- Time base for PWM function
Analog Peripherals
• 10-bit Analog-to-Digital Converter (ADC):
- Up to 17 external channels
- Conversion available during Sleep
• Comparator:
- Up to two comparators
- Fixed Voltage Reference at non-inverting
input(s)
- Comparator outputs externally accessible
• 5-Bit Digital-to-Analog Converter (DAC):
- 5-bit resolution, rail-to-rail
- Positive Reference Selection
- Unbuffered I/O pin output
- Internal connections to ADCs and
comparators
• Voltage Reference:
- Fixed Voltage Reference with 1.024V, 2.048V
and 4.096V output levels
Flexible Oscillator Structure
• High-Precision Internal Oscillator:
- Software selectable frequency range up to 32
MHz
- ±1% at nominal 4 MHz calibration point
• 4xPLL with External Sources
• Low-Power Internal 31 kHz Oscillator
(LFINTOSC)
• External Low-Power 32 kHz Crystal Oscillator
(SOSC)
• External Oscillator Block with:
- Three Crystal/Resonator modes up to 20
MHz
- Three External Clock modes up to 20 MHz
- Fail-Safe Clock Monitor
- Allows for safe shutdown if peripheral clock
stops
- Oscillator Start-up Timer (OST)
- Ensures stability of crystal oscillator
resources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com