Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 20Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 21Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 22Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 23Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 24Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 25Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 26Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 27Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 442 page
background image
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Bank 0
CPU CORE REGISTERS; see Table 3-2 for specifics
00Ch
PORTA
―
―
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
00Dh
―
―
Unimplemented
―
―
00Eh
PORTC
X
―
Unimplemented
――
―
X
―
―
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
00Fh
―
―
Unimplemented
―
―
010h
PIR0
―
―
TMR0IF
IOCIF
―
―
―
INTF
--00 ---0
--00 ---0
011h
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
BCL1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
012h
PIR2
X
―
―
―
C1IF
NVMIF
―
―
―
NCO1IF
0000 0000
0000 0000
―
X
―
C2IF
C1IF
NVMIF
―
―
―
NCO1IF
0000 0000
0000 0000
013h
PIR3
OSFIF
CSWIF
―
―
―
―
CLC2IF
CLC1IF
0000 0000
0000 0000
014h
PIR4
―
CWG1IF
―
―
―
―
CCP2IF
CCP1IF
0000 0000
0000 0000
015h
TMR0L
TMR0<7:0>
0000 0000
0000 0000
016h
TMR0H
TMR0<15:8>
1111 1111
1111 1111
017h
T0CON0
T0EN
―
T0OUT
T016BIT
T0OUTPS<3:0>
0-00 0000
0-00 0000
018h
T0CON1
T0CS<2:0>
T0ASYNC
T0CKPS<3:0>
0000 0000
0000 0000
019h
TMR1L
TMR1L<7:0>
xxxx xxxx
uuuu uuuu
01Ah
TMR1H
TMR1H<7:0>
xxxx xxxx
uuuu uuuu
01Bh
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1SOSC
T1SYNC
―
TMR1ON
0000 00-0
uuuu uu-u
01Ch
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
uuuu uxuu
01Dh
TMR2
TMR2<7:0>
0000 0000
0000 0000
01Eh
PR2
PR2<7:0>
1111 1111
1111 1111
01Fh
T2CON
―
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000
-000 0000
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com