Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 48Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 49Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 50Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 51Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 52Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 53Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 54Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 55Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 52
Preliminary
 2015 Microchip Technology Inc.
REGISTER 4-3:
CONFIGURATION WORD 3: MEMORY
R/P-1
U-1
U-1
U-1
U-1
U-1
LVP(1)
—
—
—
—
—
bit 13
bit 8
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—
WRT1
WRT0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
n = Value when blank or after Bulk Erase
bit 13
LVP:
Low-Voltage Programming Enable bit
1 = ON
Low-Voltage Programming is enabled. MCLR/VPP pin function is MCLR. MCLRE Configuration bit is
ignored.
0 = OFF
HV on MCLR/VPP must be used for programming.
bit 12-2
Unimplemented:
Read as ‘1’
bit 1-0
WRT<1:0>:
User NVM Self-Write Protection bits
11 = OFF
Write protection off
10 = BOOT
0000h to 01FFh write-protected, 0200h to 07FFh may be modified
01 = HALF
0000h to 03FFh write-protected, 0400h to 07FFh may be modified
00 = ALL
0000h to 07FFh write-protected, no addresses may be modified
WRT applies only to the self-write feature of the device; writing through ICSP™ is never protected.
Note
1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com