Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 50Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 51Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 52Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 53Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 54Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 55Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 56Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 57Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 54
Preliminary
 2015 Microchip Technology Inc.
4.3
Code Protection
Code protection allows the device to be protected from
unauthorized access. Program memory protection and
data memory are controlled independently. Internal
access to the program memory is unaffected by any
code protection setting.
4.3.1
PROGRAM MEMORY PROTECTION
The entire program memory space is protected from
external reads and writes by the CP bit in Configuration
Words. When CP = 0, external reads and writes of
program memory are inhibited and a read will return all
‘0’s. The CPU can continue to read program memory,
regardless of the protection bit settings. Self-writing the
program memory is dependent upon the write
protection
setting.
See
Section 4.4
“Write
Protection”
for more information.
4.3.2
DATA MEMORY PROTECTION
The entire data EEPROM is protected from external
reads and writes by the CPD bit in the Configuration
Words. When CPD = 0, external reads and writes of
EEPROM memory are inhibited and a read will return
all ‘0’s. The CPU can continue to read and write
EEPROM memory, regardless of the protection bit
settings.
4.4
Write Protection
Write protection allows the device to be protected from
unintended self-writes. Applications, such as boot
loader software, can be protected while allowing other
regions of the program memory to be modified.
The WRT<1:0> bits in Configuration Words define the
size of the program memory block that is protected.
4.5
User ID
Four memory locations (8000h-8003h) are designated
as ID locations where the user can store checksum or
other code identification numbers. These locations are
readable and writable during normal execution. See
Section 10.4.7, NVMREG EEPROM, User ID, Device
ID and Configuration Word Access for more
information on accessing these memory locations. For
more information on checksum calculation, see the
“PIC16(L)F183XX
Memory
Programming
Specification”
(DS40001738).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com