Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 19Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 20Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 21Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 22Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 23Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 24Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 25Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 26Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 23
PIC16(L)F18313/18323
TABLE 3-3:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (ALL BANKS)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
All Banks
000h
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
001h
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
002h
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
003h
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
004h
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
005h
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
006h
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
007h
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
008h
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
009h
WREG
Working Register
0000 0000 uuuu uuuu
00Ah
PCLATH
—
—
—
—
—
Write Buffer for the upper three bits
of the Program Counter
---- -000 ---- -000
00Bh
INTCON
GIE
PEIE
—
—
—
—
—INTEDG
00-- ---1 00-- ---1
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimple-
mented, read as ‘0’.
Note 1:
These Registers can be accessed from any bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com