Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 65Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 66Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 67Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 68Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 69Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 70Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 71Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 72Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 69
PIC16(L)F18313/18323
6.2.2
INTERNAL CLOCK SOURCES
The device may be configured to use the internal
oscillator block as the system clock by performing one
of the following actions:
• Program the RSTOSC<2:0> bits in Configuration
Words to select the INTOSC clock source, which
will be used as the default system clock upon a
device Reset.
• Write the NOSC<2:0> bits in the OSCCON1
register to switch the system clock source to the
internal oscillator during run-time. See
Section 6.3 “Clock Switching”
for more
information.
The function of the OSC2/CLKOUT pin is determined
by the CLKOUTEN bit in Configuration Words.
The internal oscillator block has two independent
oscillators that can produce two internal system clock
sources.
1.
The
HFINTOSC
(High-Frequency
Internal
Oscillator) is factory-calibrated and operates up
to 32 MHz. The frequency of HFINTOSC can be
selected through the OSCFRQ Frequency
Selection register, and fine-tuning can be done
via the OSCTUNE register.
2.
The
LFINTOSC
(Low-Frequency
Internal
Oscillator) is factory-calibrated and operates at
31 kHz.
6.2.2.1
HFINTOSC
The High-Frequency Internal Oscillator (HFINTOSC) is
a precision digitally-controlled internal clock source
that produces a stable clock up to 32 MHz. The
HFINTOSC can be enabled through one of the
following methods:
• Programming the RSTOSC<2:0> bits in
Configuration Word 1 to ‘110’ (1 MHz) or ‘000’
(32 MHz) to set the oscillator upon device
Power-up or Reset.
• Write to the NOSC<2:0> bits of the OSCCON1
register during run-time.
The HFINTOSC frequency can be selected by setting
the HFFRQ<2:0> bits of the OSCFRQ register.
The NDIV<3:0> bits of the OSCCON1 register allow for
the division of the output of the selected clock source
by a range between 1:1 and 1:512.
6.2.2.2
2x PLL
The oscillator module contains a PLL that can be used
with the HFINTOSC clock source to provide a system
clock source. The input frequency to the PLL is limited
to 8, 12, or 16 MHz, which will yield a system clock
source of 16, 24, or 32 MHz, respectively. The PLL
may be enabled for use by one of two methods:
1.
Program the RSTOSC bits in the Configuration
Word 1 to '000' to enable the HFINTOSC (32
MHz). This setting configures the HFFRQ<2:0>
bits to '110' (16 MHz) and activates the 2x PLL.
2.
Write '000' the NOSC<2:0> bits in the
OSCCON1 register to enable the 2x PLL, and
write the correct value into the HFFRQ<2:0> bits
of the OSCFRQ register to select the desired
system clock frequency. See Register 6-6 for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com