Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 75Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 76Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 77Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 78Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 79Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 80Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 81Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 82Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 79
PIC16(L)F18313/18323
REGISTER 6-5:
OSCEN: OSCILLATOR MANUAL ENABLE REGISTER
R-q/q
R-q/q
U-0
R-q/q
R-q/q
R-q/q
U-0
U-0
EXTOEN
HFOEN
—
LFOEN
SOSCEN
ADOEN
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
EXTOEN:
External Oscillator Manual Request Enable bit
1
=
EXTOSC is explicitly enabled, operating as specified by FEXTOSC
0
=
EXTOSC could be enabled by another module
bit 6
HFOEN:
HFINTOSC Oscillator Manual Request Enable bit
1
=
HFINTOSC is explicitly enabled, operating as specified by OSCFRQ
0
=
HFINTOSC could be enabled by another module
bit 5
Unimplemented:
Read as ‘0’
bit 4
LFOEN:
LFINTOSC (31 kHz) Oscillator Manual Request Enable bit
1
=
LFINTOSC is explicitly enabled
0
=
LFINTOSC could be enabled by another module
bit 3
SOSCEN:
Secondary (Timer1) Oscillator Manual Request Enable bit
1
=
Secondary oscillator is explicitly enabled, operating as specified by SOSCBE and SOSCPWR
0
=
Secondary oscillator could be enabled by another module
bit 2
ADOEN:
ADCRC (600 kHz) Oscillator Manual Request Enable bit
1
=
ADCRC is explicitly enabled
0
=
ADCRC could be enabled by another module
bit 1-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com