Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 10Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 11Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 12Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 13Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 14Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 15Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 16Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 17Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 14
Preliminary
 2015 Microchip Technology Inc.
RC0/ANC0/C2IN0+/SCL(1)/
SCK(0)
RC0
TTL/ST
CMOS
General purpose I/O.
ANC0
AN
—
ADC Channel C0 input.
C2IN0+
AN
—
Comparator positive input.
SCL
I2C™
OD
I2CTM clock.
SCK
TTL/ST
CMOS
SPI clock.
RC1/ANC1/C1IN1-/C2IN1-/
SDA(1)/SDI(1)/CLCIN2(1)
RC1
TTL/ST
CMOS
General purpose I/O.
ANC1
AN
—
ADC Channel C1 input.
C1IN1-
AN
—
Comparator C1 negative input.
C2IN1-
AN
—
Comparator C2 negative input.
SDA
I2C™
OD
I2CTM data.
SDI
TTL/ST
CMOS
SPI data input.
CLCIN2
TTL/ST
—
Configurable Logic Cell source input.
RC2/ANC2/C1IN2-/C2IN2-/
MDCIN1(1)
RC2
TTL/ST
CMOS
General purpose I/O.
ANC2
AN
—
ADC Channel C2 input.
C1IN2-
AN
—
Comparator C1 negative input.
C2IN2-
AN
—
Comparator C2 negative input.
MDCIN1
TTL/ST
—
Modular Carrier input 1.
RC3/ANC3/C1IN3-/C2IN3-/
MDMIN(1)/CCP2(1)/CLCIN0(1)/
SS(1)
RC3
TTL/ST
CMOS
General purpose I/O.
ANC3
AN
—
ADC Channel C3 input.
C1IN3-
AN
—
Comparator C1 negative input.
C2IN3-
AN
—
Comparator C2 negative input.
MDMIN
TTL/ST
—
Modular Source input.
CCP2
TTL/ST
CMOS
Capture/Compare/PWM2.
CLCIN0
TTL/ST
—
Configurable Logic Cell source input.
SS
TTL/ST
—
Slave Select input.
RC4/ANC4/TX(1)/CLCIN1(1)
RC4
TTL/ST
CMOS
General purpose I/O.
ANC4
AN
—
ADC Channel C4 input.
TX
—
CMOS
EUSART asynchronous output.
CLCIN1
TTL/ST
—
Configurable Logic Cell source input.
RC5/ANC5/MDCIN2(1)/CCP1(1)/
RX(1)
RC5
TTL/ST
CMOS
General purpose I/O.
ANC5
AN
—
ADC Channel C5 input.
MDCIN2
TTL/ST
—
Modular Carrier input 2.
CCP1
TTL/ST
CMOS
Capture/Compare/PWM1.
RX
TTL/ST
—
EUSART asynchronous input.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-3:
PIC16(L)F18323 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C™
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-2.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 12-2.
3:
These I2C™ functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com