Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 66Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 67Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 68Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 69Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 70Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 71Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 72Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 73Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 70
Preliminary
 2015 Microchip Technology Inc.
6.2.2.3
Internal Oscillator Frequency
Adjustment
The internal oscillator is factory-calibrated. This
internal oscillator can be adjusted in software by writing
to the OSCTUNE register (Register 6-3).
The default value of the OSCTUNE register is 00h. The
value is a 6-bit two’s complement number. A value of
3Fh will provide an adjustment to the maximum
frequency. A value of 0h will provide an adjustment to
the minimum frequency.
When the OSCTUNE register is modified, the oscillator
frequency will begin shifting to the new frequency. Code
execution continues during this shift. There is no
indication that the shift has occurred.
OSCTUNE does not affect the LFINTOSC frequency.
Operation of features that depend on the LFINTOSC
clock source frequency, such as the Power-up Timer
(PWRT), Watchdog Timer (WDT), Fail-Safe Clock
Monitor (FSCM) and peripherals, are not affected by the
change in frequency.
6.2.2.4
LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is
a factory calibrated 31 kHz internal clock source.
The LFINTOSC is the clock source for the Power-up
Timer (PWRT), Watchdog Timer (WDT) and Fail-Safe
Clock Monitor (FSCM).
The LFINTOSC is selected as the clock source through
one of the following methods:
• Programming the RSTOSC<2:0> bits of
Configuration Word 1 to enable LFINTOSC.
• Write to the NOSC<2:0> bits of the OSCCON1
register.
6.2.2.5
Oscillator Status and Manual Enable
The ‘ready’ status of each oscillator is displayed in the
OSCSTAT1 register (Register 6-4). The oscillators can
also be manually enabled through the OSCEN register
(Register 6-6). Manual enables make it possible to
verify the operation of the EXTOSC or SOSC crystal
oscillators. This can be achieved by enabling the
selected oscillator, then watching the corresponding
‘ready’ state of the oscillator in the OSCSTAT1 register.
6.3
Clock Switching
The system clock source can be switched between
external and internal clock sources via software using
the New Oscillator Source (NOSC) and New Divider
selection request (NDIV) bits of the OSCCON1 register.
The following clock sources can be selected using the
following:
• External Oscillator (EXTOSC)
• High-Frequency Internal Oscillator (HFINTOSC)
• Low-Frequency Internal Oscillator (LFINTOSC)
• Secondary Oscillator (SOSC)
• EXTOSC with 4x PLL
• HFINTOSC with 2x PLL
6.3.1
NEW OSCILLATOR SOURCE
(NOSC) AND NEW DIVIDER
SELECTION REQUEST (NDIV) BITS
The New Oscillator Source (NOSC) and New Divider
selection request (NDIV) bits of the OSCCON1 register
select the system clock source that is used for the CPU
and peripherals.
When new values of NOSC and NDIV are written to
OSCCON1, the current oscillator selection will
continue to operate while waiting for the new clock
source to indicate that it is stable and ready. In some
cases, the newly requested source may already be in
use, and is ready immediately. In the case of a
divider-only change, the new and old sources are the
same, so the old source will be ready immediately. The
device may enter Sleep while waiting for the switch as
described in Section 6.3.3, Clock Switch and Sleep.
When the new oscillator is ready, the New Oscillator is
Ready (NOSCR) bit of OSCCON3 and the Clock
Switch Interrupt Flag (CSWIF) bit of PIR3 become set
(CSWIF = 1). If Clock Switch Interrupts are enabled
(CLKSIE = 1), an interrupt will be generated at that
time. The Oscillator Ready (ORDY) bit of OSCCON3
can also be polled to determine when the oscillator is
ready in lieu of an interrupt.
If the Clock Switch Hold (CSWHOLD) bit of OSCCON3
is clear, the oscillator switch will occur when the New
Oscillator is Ready bit (NOSCR) is set, and the
interrupt (if enabled) will be serviced at the new
oscillator setting.
If CSWHOLD is set, the oscillator switch is suspended,
while execution continues using the current (old) clock
source. When the NOSCR bit is set, software should:
• Set CSWHOLD = 0 so the switch can complete,
or
• Copy COSC into NOSC to abandon the switch.
If DOZE is in effect, the switch occurs on the next clock
cycle, whether or not the CPU is operating during that
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com