Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 95Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 96Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 97Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 98Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 99Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 100Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 101Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 102Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 99
PIC16(L)F18313/18323
8.0
POWER-SAVING OPERATION
MODES
The purpose of the Power-Down modes is to reduce
power consumption. There are two Power-Down
modes: Doze mode and Sleep mode.
8.1
Doze Mode
Doze mode allows for power savings by reducing CPU
operation and program memory access, without
affecting peripheral operation. Doze mode differs from
Sleep mode because the system oscillators continue to
operate, while only the CPU and program memory are
affected. The reduced execution saves power by
eliminating unnecessary operations within the CPU
and memory.
When the Doze Enable (DOZEN) bit is set (DOZEN =
1
), the CPU executes only one instruction cycle out of
every N cycles as defined by the DOZE<2:0> bits of the
CPUDOZE register. For example, if DOZE<2:0> = 100,
the instruction cycle ratio is 1:32. The CPU and
memory execute for one instruction cycle and then lay
idle for 31 instruction cycles. During the unused cycles,
the peripherals continue to operate at the system clock
speed.
FIGURE 8-1:
DOZE MODE OPERATION EXAMPLE
8.1.1
DOZE OPERATION
The Doze operation is illustrated in Figure 8-1. For this
example:
• Doze enable (DOZEN) bit set (DOZEN = 1)
•DOZE<2:0> = 001 (1:4) ratio
• Recover-on-Interrupt (ROI) bit set (ROI = 1)
As with normal operation, the program memory fetches
for the next instruction cycle. The Q-clocks to the
peripherals continue throughout.
System
Clock
CPU Clock
PFM Op’s
CPU Op’s
1111111111111
1234
2
2
2222
22
2
22
22
2
2
22
2
1
1
11
11
3
33333
4
4
4444
2
3333333333333
4
4
4
4
4
4
4
4
4
4
4
4
4
Fetch
Fetch
Fetch
Fetch
Exec
Exec
Exec
(1,2)
Exec
Exec
Exec
Push
NOP
0004h
Interrupt
Here
(ROI = 1)
Note 1: Multi-cycle instructions are executed to completion before fetching 0004h.
2: If the pre-fetched instruction clears GIE, the ISR will not occur, but DOZEN is still cleared and the CPU will resume execution at full speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com