Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 98Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 99Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 100Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 101Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 102Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 103Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 104Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 105Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 102
Preliminary
 2015 Microchip Technology Inc.
8.2.3
LOW-POWER SLEEP MODE
The PIC16F18313/18323 device contains an internal
Low Dropout (LDO) voltage regulator, which allows the
device I/O pins to operate at voltages up to 5.5V while
the internal device logic operates at a lower voltage.
The LDO and its associated reference circuitry must
remain active when the device is in Sleep mode.
The PIC16F18313/18323 allows the user to optimize
the operating current in Sleep, depending on the
application requirements.
Low-Power Sleep mode can be selected by setting the
VREGPM<1:0> bits of the VREGCON register.
Depending on the configuration of these bits, the LDO
and reference circuitry are placed in a low-power state
when the device is in Sleep.
8.2.3.1
Sleep Current vs. Wake-up Time
In the default operating mode, the LDO and reference
circuitry remain in the normal configuration while in
Sleep. The device is able to exit Sleep mode quickly
since all circuits remain active. In Low-Power Sleep
mode, when waking-up from Sleep, an extra delay time
is required for these circuits to return to the normal
configuration and stabilize.
The Low-Power Sleep mode is beneficial for
applications that stay in Sleep mode for long periods of
time. The Normal mode is beneficial for applications
that need to wake from Sleep quickly and frequently.
8.2.3.2
Peripheral Usage in Sleep
Some peripherals that can operate in Sleep mode will
not operate properly with the Low-Power Sleep mode
selected. The Low-Power Sleep mode is intended for
use with these peripherals:
• Brown-out Reset (BOR)
• Watchdog Timer (WDT)
• External interrupt pin/Interrupt-on-change pins
• Timer1 (with external clock source)
It is the responsibility of the end user to determine what
is acceptable for their application when setting the
VREGPM settings in order to ensure operation in
Sleep.
8.2.4
IDLE MODE
When the Idle Enable (IDLEN) bit is clear (IDLEN = 0),
the SLEEP instruction will put the device into full Sleep
mode (see Section 8.2 “Sleep Mode”). When IDLEN
is set (IDLEN = 1), the SLEEP instruction will put the
device into Idle mode. In Idle mode, the CPU and mem-
ory operations are halted, but the peripheral clocks
continue to run. This mode is similar to Doze mode,
except that in IDLE both the CPU and the program
memory are shut off.
8.2.4.1
Idle and Interrupts
IDLE mode ends when an interrupt occurs (even if GIE
= 0), but IDLEN is not changed. The device can
re-enter IDLE by executing the SLEEP instruction.
If Recover-on-Interrupt is enabled (ROI = 1), the
interrupt that brings the device out of Idle also restores
full-speed CPU execution when doze is also enabled.
8.2.4.2
Idle and WDT
When in Idle, the WDT reset is blocked and will instead
wake the device. The WDT wake-up is not an interrupt,
therefore ROI does not apply.
Note:
The PIC16LF18313/18323 does not have
a configurable Low-Power Sleep mode.
PIC16LF18313/18323 is an unregulated
device and is always in the lowest power
state when in Sleep, with no wake-up time
penalty. This device has a lower maximum
VDD
and
I/O
voltage
than
the
PIC16F18313/18323. See Section 34.0
“Electrical
Specifications”
for
more
information.
Note:
Peripherals using FOSC will continue
running while in Idle (but not in Sleep).
Peripherals
using
HFINTOSC,
LFINTOSC, or SOSC will continue
running in both Idle and Sleep.
Note:
If CLKOUT is enabled (CLKOUT = 0,
Configuration Word 1), the output will
continue operating while in Idle.
Note:
The WDT can bring the device out of Idle,
in the same way it brings the device out of
Sleep. The DOZEN bit is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com