Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 96Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 97Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 98Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 99Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 100Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 101Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 102Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 103Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 100
Preliminary
 2015 Microchip Technology Inc.
8.1.2
INTERRUPTS DURING DOZE
If an interrupt occurs and the Recover-on-Interrupt bit
is clear (ROI = 0) at the time of the interrupt, the Inter-
rupt Service Routine (ISR) continues to execute at the
rate selected by DOZE<2:0>. Interrupt latency is
extended by the DOZE<2:0> ratio.
If an interrupt occurs and the ROI bit is set (ROI = 1) at
the time of the interrupt, the DOZEN bit is cleared and
the CPU executes at full speed. The prefetched instruc-
tion is executed and then the interrupt vector sequence
is executed. In Figure 8-1, the interrupt occurs during
the second instruction cycle of the Doze period, and
immediately brings the CPU out of Doze. If the
Doze-On-Exit (DOE) bit is set (DOE = 1) when the
RETFIE operation is executed, DOZEN is set, and the
CPU executes at the reduced rate based on the
DOZE<2:0> ratio.
8.2
Sleep Mode
Sleep mode is entered by executing the SLEEP
instruction, while the Idle Enable (IDLEN) bit of the
CPUDOZE register is clear (IDLEN = 0). If the SLEEP
instruction is executed while the IDLEN bit is set
(IDLEN = 1), the CPU will enter the IDLE mode
(Section 8.2.3 “Low-Power Sleep Mode”).
Upon entering Sleep mode, the following conditions
exist:
1.
WDT will be cleared but keeps running if
enabled for operation during Sleep.
2.
The PD bit of the STATUS register is cleared.
3.
The TO bit of the STATUS register is set.
4.
The CPU clock is disabled.
5.
31 kHz LFINTOSC, HFINTOSC and SOSC are
unaffected and peripherals using them may
continue operation in Sleep.
6.
Timer1 and peripherals that use it continue to
operate in Sleep when the Timer1 clock source
selected is:
•LFINTOSC
•T1CKI
• Secondary Oscillator
7.
ADC is unaffected if the dedicated ADCRC
oscillator is selected.
8.
I/O ports maintain the status they had before
SLEEP
was executed (driving high, low, or
high-impedance).
9.
Resets other than WDT are not affected by
Sleep mode.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To minimize current consumption, the following
conditions should be considered:
- I/O pins should not be floating
- External circuitry sinking current from I/O pins
- Internal circuitry sourcing current from I/O
pins
- Current draw from pins with internal weak
pull-ups
- Modules using any oscillator
I/O pins that are high-impedance inputs should be
pulled to VDD or VSS externally to avoid switching
currents caused by floating inputs.
Examples of internal circuitry that might be sourcing
current include modules such as the DAC and FVR
modules. See Section 23.0 “5-Bit Digital-to-Analog
Converter (DAC1) Module”
and Section 15.0 “Fixed
Voltage Reference (FVR)”
for more information on
these modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com