Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 16Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 17Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 18Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 19Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 20Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 21Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 22Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 23Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 20
Preliminary
 2015 Microchip Technology Inc.
3.1.1.2
Indirect Read with FSR
The program memory can be accessed as data by
setting bit 7 of the FSRxH register and reading the
matching INDFx register. The MOVIW instruction will
place the lower eight bits of the addressed word in the
W register. Writes to the program memory cannot be
performed via the INDF registers. Instructions that
access the program memory via the FSR require one
extra instruction cycle to complete. Example 3-2 shows
how to access the program memory via an FSR.
The HIGH directive will set bit 7 if a label points to a
location in the program memory.
EXAMPLE 3-2:
ACCESSING PROGRAM
MEMORY VIA FSR
3.2
Data Memory Organization
The data memory is partitioned into 32 memory banks
with 128 bytes in each bank. Each bank consists of
(Figure 3-2):
• 12 core registers
• 20 Special Function Registers (SFR)
• Up to 80 bytes of General Purpose RAM (GPR)
• 16 bytes of common RAM
The active bank is selected by writing the bank number
into the Bank Select Register (BSR). Unimplemented
memory will read as ‘0’. All data memory can be
accessed either directly (via instructions that use the
file registers) or indirectly via the two File Select
Registers
(FSR).
See
Section 3.5
“Indirect
Addressing””
for more information.
Data memory uses a 12-bit address. The upper seven
bits of the address define the Bank address and the
lower five bits select the registers/RAM in that bank.
3.2.1
CORE REGISTERS
The core registers contain the registers that directly
affect the basic operation. The core registers occupy
the first 12 addresses of every data memory bank
(addresses x00h/x80h through x0Bh/x8Bh). These
registers are listed below in Table 3-2. For detailed
information, see Table 3-4.
FIGURE 3-2:
BANKED MEMORY
PARTITIONING
TABLE 3-2:
CORE REGISTERS
constants
RETLW DATA0
;Index0 data
RETLW DATA1
;Index1 data
RETLW DATA2
RETLW DATA3
my_function
;… LOTS OF CODE…
MOVLW
LOW constants
MOVWF
FSR1L
MOVLW
HIGH constants
MOVWF
FSR1H
MOVIW
0[FSR1]
;THE PROGRAM MEMORY IS IN W
0Bh
0Ch
1Fh
20h
6Fh
70h
7Fh
00h
Common RAM
(16 bytes)
General Purpose RAM
(80 bytes maximum)
Core Registers
(12 bytes)
Special Function Registers
Memory Region
7-bit Bank Offset
Addresses
BANKx
x00h or x80h
INDF0
x01h or x81h
INDF1
x02h or x82h
PCL
x03h or x83h
STATUS
x04h or x84h
FSR0L
x05h or x85h
FSR0H
x06h or x86h
FSR1L
x07h or x87h
FSR1H
x08h or x88h
BSR
x09h or x89h
WREG
x0Ah or x8Ah
PCLATH
x0Bh or x8Bh
INTCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com