Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F18323-E/RFQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F18323-E/RFQTP Datasheet HTML 61Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 62Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 63Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 64Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 65Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 66Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 67Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 68Page - Microchip Technology PIC16F18323-E/RFQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 65
PIC16(L)F18313/18323
FIGURE 6-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
Rev. 10-000208E
1/22/2015
HFFRQ<2:0>
HFINTOSC
Secondary
Oscillator
(SOSC)
External
Oscillator
(EXTOSC)
CLKIN/ OSC1
CLKOUT/ OSC2
SOSCIN/SOSCI
SOSCO
31kHz
Oscillator
4x PLL
101
100
110
000
011
001
010
111
COSC<2:0>
LFINTOSC
1 – 32 MHz
Oscillator
1000
1001
0000
0011
0010
0001
0100
0101
0110
0111
512
256
128
64
32
16
8
4
2
1
CDIV<4:0>
Sleep
Idle
Sleep
SYSCMD
System Clock
Peripheral Clock
FSCM
SOSC_clk
To Peripherals
To Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com