Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 97Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 98Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 99Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 100Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 101Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 102Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 103Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 104Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 101
PIC16(L)F18313/18323
8.2.1
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled.
2.
BOR Reset, if enabled.
3.
POR Reset.
4.
Watchdog Timer, if enabled.
5.
Any external interrupt.
6.
Interrupts by peripherals capable of running
during Sleep (see individual peripheral for more
information).
The first three events will cause a device Reset. The
last three events are considered a continuation of
program execution. To determine whether a device
Reset or wake-up event occurred, refer to Section 5.11,
Determining the Cause of a Reset.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP
instruction, the device will then call the Interrupt
Service Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes-up from
Sleep, regardless of the source of wake-up.
8.2.2
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source, with the exception of the clock
switch interrupt, has both its interrupt enable bit and
interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction
- SLEEP instruction will execute as a NOP
- WDT and WDT prescaler will not be cleared
-TO bit of the STATUS register will not be set
-PD bit of the STATUS register will not be
cleared
• If the interrupt occurs during or after the
execution of a SLEEP instruction
- SLEEP instruction will be completely
executed
- Device will immediately wake-up from Sleep
- WDT and WDT prescaler will be cleared
-TO bit of the STATUS register will be set
-PD bit of the STATUS register will be cleared
Even if the flag bits were checked before executing a
SLEEP
instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
FIGURE 8-2:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
CLKIN(1)
CLKOUT(2)
Interrupt flag
GIE bit
(INTCON reg.)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(4)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Forced NOP
PC + 2
0004h
0005h
Forced NOP
TOST(3)
PC + 2
Note
1:
External clock. High, Medium, Low mode assumed.
2:
CLKOUT is shown here for timing reference.
3:
TOST = 1024 TOSC. This delay does not apply to EC and INTOSC Oscillator modes.
4:
GIE = 1 assumed. In this case after wake-up, the processor calls the ISR at 0004h. If GIE = 0, execution will continue in-line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com