Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 99Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 100Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 101Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 102Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 103Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 104Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 105Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 106Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 103
PIC16(L)F18313/18323
8.3
Register Definitions: Voltage Regulator Control
REGISTER 8-2:
CPUDOZE: DOZE AND IDLE REGISTER
REGISTER 8-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented:
Read as ‘0’
bit 1-0
VREGPM<1:0>:
Voltage Regulator Power Mode Selection bits
11
= Lowest Power mode; LDO is off; Band gap generator is on only if needed by peripherals; longest wake-up time
10
= Low-Power mode; LDO is off; Band gap generator is on
01
= Normal-Power mode (Reset default); LDO supplying low power
00
= High-Power mode; LDO supplying highest power; fastest wake-up time
Note
1:
PIC16F18313/18323 only.
R/W-0/u
R/W/HC/HS-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
IDLEN
DOZEN(1,2)
ROI
DOE
—
DOZE<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
IDLEN:
Idle Enable bit
1
=A SLEEP instruction inhibits the CPU clock, but not the peripheral clock(s)
0
=A SLEEP instruction places the device into Full Sleep mode
bit 6
DOZEN:
Doze Enable bit(1,2)
1
= The CPU executes instruction cycles according to DOZE setting
0
= The CPU executes all instruction cycles (fastest, highest power operation)
bit 5
ROI:
Recover-on-Interrupt bit
1
= Entering the Interrupt Service Routine (ISR) makes DOZEN = 0 bit, bringing the CPU to full-speed operation.
0
= Interrupt entry does not change DOZEN
bit 4
DOE:
Doze on Exit bit
1
= Executing RETFIE makes DOZEN = 1, bringing the CPU to reduced speed operation.
0
= RETFIE does not change DOZEN
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
DOZE<2:0>:
Ratio of CPU Instruction Cycles to Peripheral Instruction Cycles
111
= 1:256
110
=1:128
101
=1:64
100
=1:32
011
=1:16
010
=1:8
001
=1:4
000
=1:2
Note
1:
When ROI = 1 or DOE = 1, DOZEN is changed by hardware interrupt entry and/or exit.
2:
Entering ICD overrides DOZEN, returning the CPU to full execution speed; this bit is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com