Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 14Page - Texas Instruments LM5176PWPR Datasheet HTML 15Page - Texas Instruments LM5176PWPR Datasheet HTML 16Page - Texas Instruments LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
R
T
external SYNC
RT/SYNC
LM5176
C
SYNC
Figure 7-3. Using External SYNC
7.3.10 Frequency Dithering
The LM5176 provides an optional frequency dithering function that is enabled by connecting a capacitor from
DITH to AGND. Figure 7-4 illustrates the dithering circuit. A triangular waveform centered at 1.22 V is generated
across the CDITH capacitor. This triangular waveform modulates the oscillator frequency by 10% of the nominal
frequency set by the RT resistor. The CDITH capacitance value sets the rate of the low frequency modulation. A
lower CDITH capacitance will modulate the oscillator frequency at a faster rate than a higher capacitance. For
the dithering circuit to effectively reduce peak EMI, the modulation rate must be much less than the oscillator
frequency (Fsw). Equation 6 calculates the DITH pin capacitance required to set the modulation frequency, FMOD.
Connecting the DITH pin directly to AGND disables frequency dithering, and the internal oscillator operates at a
fixed frequency set by the RT resistor. Dither is disabled when external SYNC is used.
DITH
MOD
10
A
C
F
0.24 V
P
u
(6)
DITH
LM5176
C
DITH
1.22 V
1.22 V - 5 %
1.22 V + 5%
Figure 7-4. Dither Operation
7.3.11 Output Overvoltage Protection (OVP)
The LM5176 provides an output overvoltage protection (OVP) circuit that turns off the gate drives when the
feedback voltage is above the output overvoltage threshold VOVP. Switching resumes once the feedback voltage
falls below the OVP threshold. There is a small hysteresis to prevent chattering.
7.3.12 Power Good (PGOOD)
PGOOD is an open-drain output that is pulled low when the voltage at the FB pin is outside -9%/+10% of the
nominal VREF. The PGOOD internal N-Channel MOSFET pulldown strength is typically 4.2 mA. This pin can be
connected to a voltage supply of up to 8 V through a pullup resistor.
7.3.13 Gm Error Amplifier
The LM5176 has a gm error amplifier for loop compensation. The gm amplifier output (COMP) range is 0.3 V
to 3 V. Connect an Rc1-Cc1 compensation network between COMP and ground for type II (PI) compensation
(see Figure 8-1). Another pole is usually added using Cc2 to suppress higher frequency noise and switching
frequency ripple.
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com