Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments LM5176PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM5176 is a four-switch buck-boost controller. A quick-start tool on the LM5176 product webpage can
be used to design a buck-boost converter using the LM5176. Alternatively, Webench® software can create a
complete buck-boost design using the LM5176 and generate bill of materials, estimate efficiency, solution size,
and cost of the complete solution. Section 8.2 describes a detailed step-by-step design procedure for a typical
application circuit.
8.2 Typical Application
A typical application example is a buck-boost converter operating from a wide input voltage range of 6 V to 50 V
and providing a stable 12 V output voltage with current capability of 6 A.
LM5176
RUV2
MODE
DITH
RT
RT/SYNC
SLOPE
CSLOPE
SS
CSS
Cc2
Cc1
Rc1
RRB2
RRB1
COMP
AGND
FB
VOSNS
ISNS(+)
ISNS(-)
CS
CSG
PGOOD
SW2
HDRV2
BOOT2
LDRV2
PGND
VCC
BIAS
LDRV1
CBIAS
CVCC
CBOOT2
EN/UVLO
VISNS
VIN
SW1
HDRV1
BOOT1
CSYNC
VOUT
CBOOT1
RUV1
VCC
RMODE
VCC
VCC
RSNS
VOUT
VIN
CIN
CIN
QH1
QH2
QL1
QL2
L1
RSENSE
COUT
COUT
CVIN
93.1 NŸ
27.4 NŸ
0.1 µF
0.1 µF
1 µF
560 pF
33 nF
10 NŸ
220 pF
20 NŸ
280 NŸ
0.1 µF
0.1 µF
8 PŸ
0 Ÿ
10 µF
x5
180 µF
x2
4.7 µF
x5
10 Ÿ
0.1 µF
1 µF
100 Ÿ
100 Ÿ
249 NŸ
59.0 NŸ
68 µF
10 NŸ
1 nF
100 Ÿ
100 Ÿ
47 pF
4.7 µH
2 NŸ
Figure 8-1. LM5176 Four-Switch Buck Boost Application Schematic
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com