Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 16Page - Texas Instruments LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
7.4.1 Shutdown, Standby, and Operating Modes
EN/UVLO
VCC
DEVICE MODE
EN/UVLO < VEN(STBY)
—
Shutdown: VCC off, No switching
VEN(STBY) < EN/UVLO < VEN(OP) —
Standby: VCC on, No switching
EN/UVLO > VEN(OP)
VCC < VUV(VCC)
Standby: VCC on, No switching
EN/UVLO > VEN(OP)
VCC > VUV(VCC)
Operating: VCC on, Switching enabled
7.4.2 MODE Pin Configuration
The MODE pin is used to select hiccup mode current limit. The MODE selection is based on the voltages at the
MODE pin. The MODE voltage is decided by the programming resistor, RMODE, between MODE and AGND, and
the source current out of the MODE pin (IMODE). MODE is latched during start-up.
MODE PIN CONNECTION
HICCUP FAULT PROTECTION
RMODE to AGND = 200 kΩ or connect
MODE to VCC
No Hiccup
RMODE to AGND = 93.1 kΩ
Hiccup Enabled
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com