Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 5 Page - Texas Instruments

  LM5176PWPR Datasheet HTML 1Page - Texas Instruments LM5176PWPR Datasheet HTML 2Page - Texas Instruments LM5176PWPR Datasheet HTML 3Page - Texas Instruments LM5176PWPR Datasheet HTML 4Page - Texas Instruments LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, EN/UVLO, VISNS, VOSNS, ISNS(+), ISNS(–)
–0.3
60
V
BIAS
–0.3
40
V
FB, SS, DITH, RT/SYNC, SLOPE, COMP
–0.3
3.6
V
SW1, SW2
–1
60
V
SW1, SW2 (20 ns transient)
–5.0
65
V
VCC, MODE, PGOOD
–0.3
8.5
V
LDRV1, LDRV2
–0.3
8.5
V
BOOT1, HDRV1 with respect to SW1
–0.3
8.5
V
BOOT2, HDRV2 with respect to SW2
–0.3
8.5
V
BOOT1, BOOT2
–0.3
68
V
ISNS(+) with respect to ISNS(-)
-0.3
0.3
V
CS, CSG
–0.3
0.3
V
Operating junction temperature
–40
150
°C
Storage temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
VESD (1)
Human body model (HBM) ESD stress voltage(2)
±2000
V
Charged device model (CDM) ESD stress voltage(3)
±750
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe
manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VIN
Input bias voltage
4.2
55
V
VISNS
Input power stage voltage with external bias (BIAS ≥ 5 V or VIN ≥
4.5 V)
2.5
55
V
BIAS
Bias supply voltage (when VCC in regulation)
8
36
V
VOSNS
Output voltage range
0.8
55
V
EN/UVLO
Enable voltage range
0
55
V
ISNS(+), ISNS(–)
Average current sense common mode range
0
55
V
TJ
Operating temperature(2)
–40
125
°C
fsw
Operating frequency
100
600
kHz
(1)
Recommended Operating Conditions are conditions under the device is intended to be functional. For specifications and test
conditions, see Section 6.5.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com