Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 26 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments LM5176PWPR Datasheet HTML 25Page - Texas Instruments LM5176PWPR Datasheet HTML 26Page - Texas Instruments LM5176PWPR Datasheet HTML 27Page - Texas Instruments LM5176PWPR Datasheet HTML 28Page - Texas Instruments LM5176PWPR Datasheet HTML 29Page - Texas Instruments LM5176PWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
2
OUT
COND(QH1)
OUT
DSON(QH1)
IN
V
P
I
R
V
§
·
˜
˜
¨
¸
©
¹
(31)
SW(QH1)
IN
OUT
r
f
sw
1
P
V
I
t
t
F
2
˜
˜
˜
˜
(32)
The rise (tr) and the fall (tf) times are based on the MOSFET data sheet information or measured in the lab.
Typically, a MOSFET with smaller RDSON (smaller conduction loss) will have longer rise and fall times (larger
switching loss).
The power loss in QL1 in the buck mode of operation is shown in Equation 33:
2
OUT
COND(QL1)
OUT
DSON(QL1)
IN
V
P
1
I
R
V
§
·
˜
˜
¨
¸
©
¹
(33)
8.2.2.13 MOSFETs QH2 and QL2
The output side MOSFETs QH2 and QL2 see the output voltage of 12 V and additional transient spikes at SW2
during switching. Therefore, QH2 and QL2 should be rated for 20 V or more. The gate plateau voltages of the
MOSFETs should be smaller than the minimum input voltage of the converter, otherwise the MOSFETs may not
fully enhance during start-up or overload conditions.
The power loss in QH2 in buck mode of operation is approximated by:
2
COND(QH2)
OUT
DSON(QH2)
P
I
R
˜
(34)
The power loss in QL2 in the boost mode of operation consists of both conduction and switching loss
components given by Equation 35 and Equation 36, respectively:
2
OUT
IN
COND(QL2)
OUT
DSON(QL2)
OUT
IN
V
V
P
1
I
R
V
V
§
· §
·
˜
˜
˜
¨
¸ ¨
¸
©
¹
©
¹
(35)
OUT
SW(QL2)
OUT
OUT
r
f
sw
IN
V
1
P
V
I
t
t
F
2
V
§
·
˜
˜
˜
˜
˜
¨
¸
©
¹
(36)
The rise (tr) and the fall (tf) times can be based on the MOSFET data sheet information or measured in the lab.
Typically, a MOSFET with smaller RDSON (lower conduction loss) has longer rise and fall times (larger switching
loss).
The power loss in QH2 in the boost mode of operation is shown in Equation 37:
2
OUT
IN
COND(QH2)
OUT
DSON(QH2)
OUT
IN
V
V
P
I
R
V
V
§
·
˜
˜
˜
¨
¸
©
¹
(37)
8.2.2.14 Frequency Compensation
This section presents the control loop compensation design procedure for the LM5176 buck-boost controller. The
LM5176 operates mainly in buck or boost modes, separated by a transition region, and therefore, the control
loop design is done for both buck and boost operating modes. Then, a final selection of compensation is made
based on the mode that is more restrictive from a loop stability point of view. Typically, for a converter designed
to go deep into both buck and boost operating regions, the boost compensation design is more restrictive due to
the presence of a right half plane zero (RHPZ) in the boost mode.
The boost power stage output pole location is given by:
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com