Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments LM5176PWPR Datasheet HTML 25Page - Texas Instruments LM5176PWPR Datasheet HTML 26Page - Texas Instruments LM5176PWPR Datasheet HTML 27Page - Texas Instruments LM5176PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
IN(MIN)
OUT
OUT
RIPPLE(COUT)
OUT
sw
V
I
1
V
V
C
F
§
·
u ¨
¸
©
¹
'
u
(21)
Typically, a combination of ceramic and bulk capacitors is needed to provide low ESR and high ripple current
capacity. The complete schematic in Figure 8-1 shows a good starting point for COUT for typical applications.
8.2.2.6 Input Capacitor
In buck mode, the input capacitor supplies high ripple current. The RMS current in the input capacitor is given
by:
CIN(RMS)
OUT
I
I
D (1 D)
u
(22)
The maximum RMS current occurs at D = 0.5, which gives ICIN(RMS) = IOUT / 2 = 3 A. A combination of ceramic
and bulk capacitors should be used to provide a short path for high di/dt current and to reduce the output voltage
ripple. The complete schematic in Figure 8-1 is a good starting point for CIN for typical applications.
8.2.2.7 Sense Resistor (RSENSE)
The current sense resistor between the CS and CSG pins should be selected to ensure that current limit is set
high enough for both buck and boost modes of operation. For the buck operation, the current limit resistor is
given by:
:
SENSE(BUCK)
OUT(MAX)
80 mV
R
13 m
I
(23)
For the boost mode of operation, the current limit resistor is given by:
:
SENSE(BOOST)
L(PEAK)
120 mV
R
8.3 m
I
(24)
The closest standard value of RSENSE = 8 mΩ is selected based on the boost mode operation.
The maximum power dissipation in RSENSE happens at VIN(MIN):
§
·
§
·
˜
˜ ¨
¸
¨
¸
©
¹
©
¹
2
IN(MIN)
RSENSE(MAX)
SENSE
SENSE
OUT
V
120mV
P
R
1
0.9 W
R
V
(25)
Therefore, a sense resistor with 2-W power rating will be sufficient for this application.
For some application circuits, it can be required to add a filter network to attenuate noise in the CS and CSG
sense lines. See Figure 8-1 for typical values. The filter resistance should not exceed 100 Ω.
8.2.2.8 Slope Compensation
For stable current loop operation and to avoid subharmonic oscillations, the slope capacitor should be selected
based on Equation 26:
SLOPE
SLOPE
SENSE
CS
L1
4.7 H
C
gm
2 S
235 pF
R
A
8 m
5
P
u
P u
u
: u
(26)
This slope compensation results in “dead-beat” operation, in which the current loop disturbances die out in one
switching cycle. Theoretically, a current mode loop is stable with half the “dead-beat” slope (twice the calculated
slope capacitor value in Equation 26). A smaller slope capacitor results in larger slope signal which is better for
noise immunity in the transition region (VIN~VOUT). A larger slope signal, however, restricts the achievable input
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com