Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments LM5176PWPR Datasheet HTML 24Page - Texas Instruments LM5176PWPR Datasheet HTML 25Page - Texas Instruments LM5176PWPR Datasheet HTML 26Page - Texas Instruments LM5176PWPR Datasheet HTML 27Page - Texas Instruments LM5176PWPR Datasheet HTML 28Page - Texas Instruments LM5176PWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
voltage range for a given output voltage, switching frequency, and inductor. For this design, CSLOPE = 220 pF is
selected for better transition region behavior while still providing the required VIN range. This selection of slope
capacitor, inductor, switching frequency, and inductor satisfies the COMP range limitation explained in Section
7.3.13.
8.2.2.9 UVLO
The UVLO resistor divider must be designed for turnon below 6 V. Selecting RUV2 = 249 kΩ gives a UVLO
hysteresis of 0.8 V based on Equation 2. The lower UVLO resistor is the selected using Equation 27:
u
u
UV2
EN(OP)
UV1
IN
EN(STBY)
UV2
EN(OP)
UV
R
V
R
V
I
R
V
(27)
A standard value of 59.0 kΩ is selected for RUV1.
When programming the UVLO threshold for lower input voltage operation, it is important to choose MOSFETs
with gate (Miller) plateau voltage lower than the minimum VIN.
8.2.2.10 Soft-Start Capacitor
The soft-start time is programmed using the soft-start capacitor. The relationship between CSS and the soft-start
time is given by:
u
SS
REF
ss
SS
C
V
t
I
(28)
CSS = 0.1 µF gives a soft-start time of 16 ms.
8.2.2.11 Dither Capacitor
The dither capacitor sets the modulation frequency of the frequency dithering around the nominal switching
frequency. A larger CDITH results in lower modulation frequency. For proper operation, the modulation frequency
(FMOD) must be much lower than the switching frequency. Use Equation 29 to select CDITH for the target
modulation frequency.
DITH
MOD
10
A
C
F
0.24 V
P
u
(29)
For the current design, dithering is not being implemented. Therefore, a 0-Ω resistor from the DITH pin to AGND
disables this feature.
8.2.2.12 MOSFETs QH1 and QL1
The input side MOSFETs QH1 and QL1 need to withstand the maximum input voltage of 50 V. In addition, they
must withstand the transient spikes at SW1 during switching. Therefore, QH1 and QL1 should be rated for 60 V
or higher. The gate plateau voltages of the MOSFETs should be smaller than the minimum input voltage of the
converter, otherwise the MOSFETs may not fully enhance during start-up or overload conditions.
The power loss in QH1 in the boost mode of operation is approximated by:
2
OUT
COND(QH1)
OUT
DSON(QH1)
IN
V
P
I
R
V
§
·
˜
˜
¨
¸
©
¹
(30)
The power loss in QH1 in buck mode of operation consists of both conduction and switching loss components
given by Equation 31 and Equation 32, respectively:
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com