Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 2Page - Texas Instruments LM5176PWPR Datasheet HTML 3Page - Texas Instruments LM5176PWPR Datasheet HTML 4Page - Texas Instruments LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
LM5176
UNIT
PWP (HTSSOP)
RHF (QFN)
28 PINS
RθJA
Junction-to-ambient thermal resistance
32.6
34.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
21.4
26.6
°C/W
RθJB
Junction-to-board thermal resistance
8.2
6.3
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8.3
6.2
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
1
2.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN)
IQ
VIN shutdown current
VEN/UVLO = 0 V
2.6
10
µA
VIN operating current
VEN/UVLO = 2 V, VFB = 0.9 V
2
4
mA
VCC
VVCC(VIN)
Regulation voltage
VBIAS = 0 V, VCC open
6.95
7.35
7.88
V
VUV(VCC)
VCC undervoltage lockout
VCC increasing
3.11
3.27
3.43
V
Undervoltage hysteresis
176
mV
IVCC
VCC current limit
VVCC = 0 V
65
mA
ROUT(VCC)
VCC regulator output impedance
IVCC = 30 mA, VIN = 4 V
8
16
Ω
BIAS
VBIAS(SW)
BIAS switchover voltage
VIN = 24 V
7.25
8
8.75
V
EN/UVLO
VEN(STBY)
Standby threshold
EN/UVLO rising
0.55
0.82
0.97
V
IEN(STBY)
Standby source current
VEN/UVLO = 1.1 V
1
2
3
µA
VEN(OP)
Operating threshold
EN/UVLO rising
1.17
1.22
1.29
V
ΔIHYS(OP)
Operating hysteresis current
VEN/UVLO = 1.5 V
2.15
3.15
4.25
µA
SS
ISS
Soft-start pullup current
VSS = 0 V
3.75
5
6.35
µA
VSS(CL)
SS clamp voltage
SS open
1.21
V
VFB - VSS
FB to SS offset
VSS = 0 V
–18
mV
EA (ERROR AMPLIFIER)
VREF
Feedback reference voltage
FB = COMP
0.788
0.800
0.812
V
gmEA
Error amplifier gm
1.31
mS
ISINK/ISOURCE
COMP sink/source current
VFB=VREF ± 300 mV
280
µA
ROUT
Amplifier output resistance
20
MΩ
BW
Unity gain bandwidth
2
MHz
IBIAS(FB)
Feedback pin input bias current
FB in regulation
25
nA
FREQUENCY
fSW(1)
Switching frequency 1
RT = 40 kΩ
175
200
225
kHz
fSW(2)
Switching frequency 2
RT = 20 kΩ
350
390
430
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com