Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 25Page - Texas Instruments LM5176PWPR Datasheet HTML 26Page - Texas Instruments LM5176PWPR Datasheet HTML 27Page - Texas Instruments LM5176PWPR Datasheet HTML 28Page - Texas Instruments LM5176PWPR Datasheet HTML 29Page - Texas Instruments LM5176PWPR Datasheet HTML 30Page - Texas Instruments LM5176PWPR Datasheet HTML 31Page - Texas Instruments LM5176PWPR Datasheet HTML 32Page - Texas Instruments LM5176PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
8.2.3 Application Curves
LOAD CURRENT (A)
0
1
2
3
4
5
6
80
84
88
92
96
100
D008
VIN = 9V
VIN = 12V
VIN = 24V
Figure 8-2. Efficiency vs Load
VIN (V)
5
10
15
20
25
30
35
40
45
50
93
94
95
96
97
98
99
D009
Figure 8-3. Efficiency vs Input Voltage
VIN = 6 V
VIN = 24 V
VIN = 12 V
200 mV/div
5 µs/div
Figure 8-4. Output Voltage Ripple
I
L
5 A/div
V
OUT
1 V/div
1 ms/div
V
IN
10 V/div
Figure 8-5. Line Transient Response (8 V - 24 V,
IOUT = 2 A)
9 Power Supply Recommendations
The LM5176 is a power management device. The power supply for the device is any dc voltage source
within the specified input range. The supply should also be capable of supplying sufficient current based on
the maximum inductor current in boost mode operation. The input supply should be bypassed with additional
electrolytic capacitor at the input of the application board to avoid ringing due to parasitic impedance of the
connecting cables.
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com