Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 39Page - Lattice Semiconductor ECP2 Datasheet HTML 40Page - Lattice Semiconductor ECP2 Datasheet HTML 41Page - Lattice Semiconductor ECP2 Datasheet HTML 42Page - Lattice Semiconductor ECP2 Datasheet HTML 43Page - Lattice Semiconductor ECP2 Datasheet HTML 44Page - Lattice Semiconductor ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 386 page
background image
2-40
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
DQSXFER
LatticeECP2/M devices provide a DQSXFER signal to the output buffer to assist it in data transfer to DDR memo-
ries that require DQS strobe be shifted 90
o. This shifted DQS strobe is generated by the DQSDEL block. The
DQSXFER signal runs the span of the data bus.
sysI/O Buffer
Each I/O is associated with a flexible buffer referred to as a sysI/O buffer. These buffers are arranged around the
periphery of the device in groups referred to as banks. The sysI/O buffers allow users to implement the wide variety
of standards that are found in today’s systems including LVCMOS, SSTL, HSTL, LVDS and LVPECL.
sysI/O Buffer Banks
LatticeECP2/M devices have nine sysI/O buffer banks: eight banks for user I/Os arranged two per side. The ninth
sysI/O buffer bank (Bank 8) is located adjacent to Bank 3 and has dedicated/shared I/Os for configuration. When a
shared pin is not used for configuration it is available as a user I/O. Each bank is capable of supporting multiple I/O
standards. Each sysI/O bank has its own I/O supply voltage (VCCIO). In addition, each bank, except Bank 8, has
voltage references, VREF1 and VREF2, which allow it to be completely independent from the others. Bank 8 shares
two voltage references, VREF1 and VREF2, with Bank 3. Figure 2-37 shows the nine banks and their associated sup-
plies.
In LatticeECP2/M devices, single-ended output buffers and ratioed input buffers (LVTTL, LVCMOS and PCI) are
powered using VCCIO. LVTTL, LVCMOS33, LVCMOS25 and LVCMOS12 can also be set as fixed threshold inputs
independent of VCCIO.
Each bank can support up to two separate VREF voltages, VREF1 and VREF2, that set the threshold for the refer-
enced input buffers. Some dedicated I/O pins in a bank can be configured to be a reference voltage supply pin.
Each I/O is individually configurable based on the bank’s supply and reference voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com