Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 96 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 96 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 92Page - Lattice Semiconductor ECP2 Datasheet HTML 93Page - Lattice Semiconductor ECP2 Datasheet HTML 94Page - Lattice Semiconductor ECP2 Datasheet HTML 95Page - Lattice Semiconductor ECP2 Datasheet HTML 96Page - Lattice Semiconductor ECP2 Datasheet HTML 97Page - Lattice Semiconductor ECP2 Datasheet HTML 98Page - Lattice Semiconductor ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 386 page
background image
3-44
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2/M sysCONFIG Port Timing Specifications
Over Recommended Operating Conditions
Parameter
Description
Min.
Max.
Units
sysCONFIG Byte Data Flow
tSUCBDI
Byte D[0:7] Setup Time to CCLK
7
—
ns
tHCBDI
Byte D[0:7] Hold Time to CCLK
1
—
ns
tCODO
CCLK to DOUT in Flowthrough Mode
—
12
ns
tSUCS
CSN[0:1] Setup Time to CCLK
7
—
ns
tHCS
CSN[0:1] Hold Time to CCLK
1
—
ns
tSUWD
Write Signal Setup Time to CCLK
7
—
ns
tHWD
Write Signal Hold Time to CCLK
1
—
ns
tDCB
CCLK to BUSY Delay Time
—
12
ns
tCORD
CCLK to Out for Read Data
—
12
ns
sysCONFIG Byte Slave Clocking
tBSCH
Byte Slave CCLK Minimum High Pulse
6
—
ns
tBSCL
Byte Slave CCLK Minimum Low Pulse
9
—
ns
tBSCYC
Byte Slave CCLK Cycle Time
15
—
ns
sysCONFIG Serial (Bit) Data Flow
tSUSCDI
DI Setup Time to CCLK Slave Mode
7
—
ns
tHSCDI
DI Hold Time to CCLK Slave Mode
1
—
ns
tCODO
CCLK to DOUT in Flowthrough Mode
—
12
ns
sysCONFIG Serial Slave Clocking
tSSCH
Serial Slave CCLK Minimum High Pulse
6
—
ns
tSSCL
Serial Slave CCLK Minimum Low Pulse
6
—
ns
sysCONFIG POR, Initialization and Wake-up
tICFG
Minimum Vcc to INITN High
—
28
ms
tVMC
Time from tICFG to Valid Master CCLK
—
2
us
tPRGMRJ
PROGRAMN Pin Pulse Rejection
—
8
ns
tPRGM
PROGRAMN Low Time to Start Configuration
25
—
ns
tDINIT
PROGRAMN High to INITN High Delay
—
1
ms
tDPPINIT
Delay Time from PROGRAMN Low to INITN Low
—
37
ns
tDPPDONE
Delay Time from PROGRAMN Low to DONE Low
—
37
ns
tIODISS
User I/O Disable from PROGRAMN Low
—
35
ns
tIOENSS
User I/O Enabled Time from CCLK Edge During Wake-up Sequence
—
25
ns
tMWC
Additional Wake Master Clock Signals after DONE Pin High
120
—
cycles
sysCONFIG SPI Port
tCFGX
INITN High to CCLK Low
—
1
µs
tCSSPI
INITN High to CSSPIN Low
—
2
us
tCSCCLK
CCLK Low before CSSPIN Low
0
—
ns
tSOCDO
CCLK Low to Output Valid
—
15
ns
tSOE
CSSPIN[0:1] Active Setup Time
300
—
ns
tCSPID
CSSPIN[0:1] Low to First CCLK Edge Setup Time
300+3cyc
600+6cyc
ns
fMAXSPI
Max. CCLK Frequency - SPI Flash Read Opcode (0x03)
(SPIFASTN = 1)
—
20
MHz
Max. CCLK Frequency - SPI Flash Fast Read Opcode (0x0B)
(SPIFASTN = 0)
—
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com