Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 100 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 100 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 96Page - Lattice Semiconductor ECP2 Datasheet HTML 97Page - Lattice Semiconductor ECP2 Datasheet HTML 98Page - Lattice Semiconductor ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor ECP2 Datasheet HTML 102Page - Lattice Semiconductor ECP2 Datasheet HTML 103Page - Lattice Semiconductor ECP2 Datasheet HTML 104Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 386 page
background image
3-48
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
JTAG Port Timing Specifications
Over Recommended Operating Conditions
Figure 3-21. JTAG Port Timing Waveforms
Symbol
Parameter
Min
Max
Units
fMAX
TCK clock frequency
—
25
MHz
tBTCP
TCK [BSCAN] clock pulse width
40
—
ns
tBTCPH
TCK [BSCAN] clock pulse width high
20
—
ns
tBTCPL
TCK [BSCAN] clock pulse width low
20
—
ns
tBTS
TCK [BSCAN] setup time
8
—
ns
tBTH
TCK [BSCAN] hold time
10
—
ns
tBTRF
TCK [BSCAN] rise/fall time
50
—
mV/ns
tBTCO
TAP controller falling edge of clock to valid output
—
10
ns
tBTCODIS
TAP controller falling edge of clock to valid disable
—
10
ns
tBTCOEN
TAP controller falling edge of clock to valid enable
—
10
ns
tBTCRS
BSCAN test capture register setup time
8
—
ns
tBTCRH
BSCAN test capture register hold time
25
—
ns
tBUTCO
BSCAN test update register, falling edge of clock to valid output
—
25
ns
tBTUODIS
BSCAN test update register, falling edge of clock to valid disable
—
25
ns
tBTUPOEN
BSCAN test update register, falling edge of clock to valid enable
—
25
ns
Timing v.A 0.11
TMS
TDI
TCK
TDO
Data to be
captured
from I/O
Data to be
driven out
to I/O
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
Data Captured
tBTCPH
tBTCPL
tBTCOEN
tBTCRS
tBTUPOEN
tBUTCO
tBTUODIS
tBTCRH
tBTCO
tBTCODIS
tBTS
tBTH
tBTCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com