Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 92 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 92 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor ECP2 Datasheet HTML 90Page - Lattice Semiconductor ECP2 Datasheet HTML 91Page - Lattice Semiconductor ECP2 Datasheet HTML 92Page - Lattice Semiconductor ECP2 Datasheet HTML 93Page - Lattice Semiconductor ECP2 Datasheet HTML 94Page - Lattice Semiconductor ECP2 Datasheet HTML 95Page - Lattice Semiconductor ECP2 Datasheet HTML 96Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 386 page
background image
3-40
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
SERDES High Speed Data Receiver (LatticeECP2M Family Only)
Table 3-10. Serial Input Data Specifications
Input Data Jitter Tolerance
A receiver’s ability to tolerate incoming signal jitter is very dependent on jitter type. High speed serial interface stan-
dards have recognized the dependency on jitter type and have recently modified specifications to indicate toler-
ance levels for different jitter types as they relate to specific protocols (e.g. FC, etc.). Sinusoidal jitter is considered
to be a worst case jitter type.
Table 3-11. Receiver Total Jitter Tolerance Specification
1
Table 3-12. Periodic Receiver Jitter Tolerance Specification
1
Symbol
Description
Min.
Typ.
Max.
Units
RX-CIDS
Stream of nontransitions
1
(CID = Consecutive Identical Digits) @ 10
-12 BER
7 @ 3.125 Gbps
20 @ 1.25 Gbps
Bits
VRX-DIFF-S
Differential input sensitivity
100
—
—
mV, p-p
VRX-IN
Input levels
0
—
VCCRX + 0.8
V
VRX-CM-DC
Input common mode range (DC coupled)
0.5
—
1.2
V
VRX-CM-AC
Input common mode range (AC coupled)
3
0
—
1.5
V
TRX-RELOCK CDR re-lock time
2
—
—
3000
Bits
ZRX-TERM
Input termination 50/75 Ohm/High Z
—
50
Ohms
RLRX-RL
Return loss (without package)
—
9
—
dB
1. This is the number of bits allowed without a transition on the incoming data stream when using DC coupling.
2. This is the typical number of bit times to re-lock to a new phase or frequency within +/- 300 ppm, assuming 8b10b encoded data.
3. AC coupling is used to interface to LVPECL and LVDS.
Description
Frequency
Condition
Min.
Typ.
Max.
Units
Deterministic
3.125 Gbps
600 mV differential eye
—
—
0.54
UI, p-p
Random
600 mV differential eye
—
—
0.26
UI, p-p
Total
600 mV differential eye
—
—
0.80
UI, p-p
Deterministic
2.5 Gbps
600 mV differential eye
—
—
0.61
UI, p-p
Random
600 mV differential eye
—
—
0.22
UI, p-p
Total
600 mV differential eye
—
—
0.81
UI, p-p
Deterministic
1.25 Gbps
600 mV differential eye
—
—
0.53
UI, p-p
Random
600 mV differential eye
—
—
0.22
UI, p-p
Total
600 mV differential eye
—
—
0.80
UI, p-p
Deterministic
250 Mbps
2
600 mV differential eye
—
—
0.42
UI, p-p
Random
600 mV differential eye
—
—
0.10
UI, p-p
Total
600 mV differential eye
—
—
0.60
UI, p-p
1. Values are measured with PRBS 2
7-1, all channels operating, FPGA Logic active, I/Os around SERDES pins quiet, voltages are nominal,
room temperature.
2. Jitter specification is limited by measurement equipment capability.
Description
Frequency
Condition
Min.
Typ.
Max.
Units
Periodic
3.125 Gbps 600 mV differential eye
—
—
0.20
UI, p-p
2.5 Gbps
600 mV differential eye
—
—
0.22
UI, p-p
1.25 Gbps
600 mV differential eye
—
—
0.20
UI, p-p
250 Mbps
2
600 mV differential eye
—
—
0.08
UI, p-p
1. Values are measured with PRBS 2
7-1, all channels operating.
2. Jitter specification is limited by measurement equipment capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com