Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 84 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 84 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 80Page - Lattice Semiconductor ECP2 Datasheet HTML 81Page - Lattice Semiconductor ECP2 Datasheet HTML 82Page - Lattice Semiconductor ECP2 Datasheet HTML 83Page - Lattice Semiconductor ECP2 Datasheet HTML 84Page - Lattice Semiconductor ECP2 Datasheet HTML 85Page - Lattice Semiconductor ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 386 page
background image
3-32
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2/M Family Timing Adders
1, 2, 3
Over Recommended Operating Conditions
Buffer Type
Description
-7
-6
-5
Units
Input Adjusters
LVDS25
LVDS
-0.04
-0.02
0.00
ns
BLVDS25
BLVDS
-0.04
-0.09
-0.15
ns
MLVDS
LVDS
-0.15
-0.15
-0.15
ns
RSDS
RSDS
-0.15
-0.15
-0.15
ns
LVPECL33
LVPECL
0.16
0.15
0.13
ns
HSTL18_I
HSTL_18 class I
0.01
-0.01
-0.04
ns
HSTL18_II
HSTL_18 class II
0.01
-0.01
-0.04
ns
HSTL18D_I
Differential HSTL 18 class I
0.01
-0.01
-0.04
ns
HSTL18D_II
Differential HSTL 18 class II
0.01
-0.01
-0.04
ns
HSTL15_I
HSTL_15 class I
0.01
-0.01
-0.04
ns
HSTL15D_I
Differential HSTL 15 class I
0.01
-0.01
-0.04
ns
SSTL33_I
SSTL_3 class I
-0.03
-0.07
-0.10
ns
SSTL33_II
SSTL_3 class II
-0.03
-0.07
-0.10
ns
SSTL33D_I
Differential SSTL_3 class I
-0.03
-0.07
-0.10
ns
SSTL33D_II
Differential SSTL_3 class II
-0.03
-0.07
-0.10
ns
SSTL25_I
SSTL_2 class I
-0.04
-0.07
-0.10
ns
SSTL25_II
SSTL_2 class II
-0.04
-0.07
-0.10
ns
SSTL25D_I
Differential SSTL_2 class I
-0.04
-0.07
-0.10
ns
SSTL25D_II
Differential SSTL_2 class II
-0.04
-0.07
-0.10
ns
SSTL18_I
SSTL_18 class I
-0.01
-0.04
-0.07
ns
SSTL18_II
SSTL_18 class II
-0.01
-0.04
-0.07
ns
SSTL18D_I
Differential SSTL_18 class I
-0.01
-0.04
-0.07
ns
SSTL18D_II
Differential SSTL_18 class II
-0.01
-0.04
-0.07
ns
LVTTL33
LVTTL
-0.16
-0.16
-0.16
ns
LVCMOS33
LVCMOS 3.3
-0.08
-0.12
-0.16
ns
LVCMOS25
LVCMOS 2.5
0.00
0.00
0.00
ns
LVCMOS18
LVCMOS 1.8
-0.16
-0.17
-0.17
ns
LVCMOS15
LVCMOS 1.5
-0.14
-0.14
-0.14
ns
LVCMOS12
LVCMOS 1.2
-0.04
-0.01
0.01
ns
PCI33
PCI
-0.08
-0.12
-0.16
ns
Output Adjusters
LVDS25E
LVDS 2.5 E
4
0.25
0.19
0.13
ns
LVDS25
LVDS 2.5
0.10
0.13
0.17
ns
BLVDS25
BLVDS 2.5
0.00
-0.01
-0.03
ns
MLVDS
MLVDS 2.5
4
0.00
-0.01
-0.03
ns
RSDS
RSDS 2.5
4
0.25
0.19
0.13
ns
LVPECL33
LVPECL 3.3
4
-0.02
-0.04
-0.06
ns
HSTL18_I
HSTL_18 class I 8mA drive
-0.19
-0.22
-0.25
ns
HSTL18_II
HSTL_18 class II
-0.30
-0.34
-0.37
ns
HSTL18D_I
Differential HSTL 18 class I 8mA drive
-0.19
-0.22
-0.25
ns
HSTL18D_II
Differential HSTL 18 class II
-0.30
-0.34
-0.37
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com