| Electronic Components Datasheet Search |
|
ECP2 Datasheet(PDF) 31 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 Datasheet(HTML) 31 Page - Lattice Semiconductor |
|
31 / 386 page ![]() 2-28 Architecture Lattice Semiconductor LatticeECP2/M Family Data Sheet IPexpress™ The user can access the sysDSP block via the ispLEVER IPexpress tool, which provides the option to configure each DSP module (or group of modules) or by direct HDL instantiation. In addition, Lattice has partnered with The MathWorks ® to support instantiation in the Simulink® tool, a graphical simulation environment. Simulink works with ispLEVER to dramatically shorten the DSP design cycle in Lattice FPGAs. Optimized DSP Functions Lattice provides a library of optimized DSP IP functions. Some of the IP cores planned for the LatticeECP2/M DSP include the Bit Correlator, Fast Fourier Transform, Finite Impulse Response (FIR) Filter, Reed-Solomon Encoder/ Decoder, Turbo Encoder/Decoder and Convolutional Encoder/Decoder. Please contact Lattice to obtain the latest list of available DSP IP cores. Resources Available in the LatticeECP2/M Family Table 2-9 shows the maximum number of multipliers for each member of the LatticeECP2/M family. Table 2-10 shows the maximum available EBR RAM Blocks in each LatticeECP2/M device. EBR blocks, together with Distrib- uted RAM can be used to store variables locally for fast DSP operations. Table 2-9. Maximum Number of DSP Blocks in the LatticeECP2/M Family Table 2-10. Embedded SRAM in the LatticeECP2/M Family Device DSP Block 9x9 Multiplier 18x18 Multiplier 36x36 Multiplier ECP2-6 3 24 12 3 ECP2-12 6 48 24 6 ECP2-20 7 56 28 7 ECP2-35 8 64 32 8 ECP2-50 18 144 72 18 ECP2-70 22 176 88 22 ECP2M20 6 48 24 6 ECP2M35 8 64 32 8 ECP2M50 22 176 88 22 ECP2M70 24 192 96 24 ECP2M100 42 336 168 42 Device EBR SRAM Block Total EBR SRAM (Kbits) ECP2-6 3 55 ECP2-12 12 221 ECP2-20 15 277 ECP2-35 18 332 ECP2-50 21 387 ECP2-70 60 1106 ECP2M20 66 1217 ECP2M35 114 2101 ECP2M50 225 4147 ECP2M70 246 4534 ECP2M100 288 5308 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |