Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 103 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 103 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor ECP2 Datasheet HTML 102Page - Lattice Semiconductor ECP2 Datasheet HTML 103Page - Lattice Semiconductor ECP2 Datasheet HTML 104Page - Lattice Semiconductor ECP2 Datasheet HTML 105Page - Lattice Semiconductor ECP2 Datasheet HTML 106Page - Lattice Semiconductor ECP2 Datasheet HTML 107Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 386 page
background image
4-2
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
[LOC]DQS[num]
I/O
DQ input/output pads: T (top), R (right), B (bottom), L (left), DQS, num = ball
function number.
[LOC]DQ[num]
I/O
DQ input/output pads: T (top), R (right), B (bottom), L (left), DQ, associated
DQS number.
Test and Programming (Dedicated Pins)
TMS
I
Test Mode Select input, used to control the 1149.1 state machine. Pull-up is
enabled during configuration.
TCK
I
Test Clock input pin, used to clock the 1149.1 state machine. No pull-up
enabled.
TDI
I
Test Data in pin. Used to load data into device using 1149.1 state machine.
After power-up, this TAP port can be activated for configuration by sending
appropriate command. (Note: once a configuration port is selected it is
locked. Another configuration port cannot be selected until the power-up
sequence). Pull-up is enabled during configuration.
TDO
O
Output pin. Test Data Out pin used to shift data out of a device using 1149.1.
VCCJ
—
Power supply pin for JTAG Test Access Port.
Configuration Pads (Used During sysCONFIG)
CFG[2:0]
I
Mode pins used to specify configuration mode values latched on rising edge
of INITN. During configuration, a pull-up is enabled. These are dedicated
pins.
INITN
I/O
Open Drain pin. Indicates the FPGA is ready to be configured. During config-
uration, a pull-up is enabled. It is a dedicated pin.
PROGRAMN
I
Initiates configuration sequence when asserted low. This pin always has an
active pull-up. This is a dedicated pin.
DONE
I/O
Open Drain pin. Indicates that the configuration sequence is complete, and
the startup sequence is in progress. This is a dedicated pin.
CCLK
I/O
Configuration Clock for configuring an FPGA in sysCONFIG mode.
BUSY/SISPI
I/O
Read control command in SPI or SPIm mode.
CSN
I
sysCONFIG chip select (active low). During configuration, a pull-up is
enabled.
CS1N
I
sysCONFIG chip select (active low). During configuration, a pull-up is
enabled.
WRITEN
I
Write Data on Parallel port (active low).
D[0]/SPIFASTN
I/O
sysCONFIG Port Data I/O for Parallel mode.
sysCONFIG Port Data I/O for SPI or SPIm. When using the SPI or SPIm
mode, this pin should either be tied high or low, must not be left floating.
D[1:6]
I/O
sysCONFIG Port Data I/O for Parallel
D[7]/SPID0
I/O
sysCONFIG Port Data I/O for Parallel, SPI, SPIm
DOUT/CSON
O
Output for serial configuration data (rising edge of CCLK) when using
sysCONFIG port.
DI/CSSPI0N
I/O
Input for serial configuration data (clocked with CCLK) when using sysCON-
FIG port. During configuration, a pull-up is enabled. Output when used in SPI/
SPIm modes.
Dedicated SERDES Signals
1, 2, 3
[LOC]_SQ_VCCAUX33
—
Termination resistor switching power (3.3V). This pin must be tied to 3.3V
even if the quad is unused.
[LOC]_SQ_REFCLKN
I
Negative Reference Clock Input
[LOC]_SQ_REFCLKP
I
Positive Reference Clock Input
[LOC]_SQ_VCCP
—
PLL and Reference clock buffer power (1.2V). This pin must be tied to 1.2V
even if the quad is unused.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com