Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP2 Datasheet(PDF) 121 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 121 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 117Page - Lattice Semiconductor ECP2 Datasheet HTML 118Page - Lattice Semiconductor ECP2 Datasheet HTML 119Page - Lattice Semiconductor ECP2 Datasheet HTML 120Page - Lattice Semiconductor ECP2 Datasheet HTML 121Page - Lattice Semiconductor ECP2 Datasheet HTML 122Page - Lattice Semiconductor ECP2 Datasheet HTML 123Page - Lattice Semiconductor ECP2 Datasheet HTML 124Page - Lattice Semiconductor ECP2 Datasheet HTML 125Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 386 page
background image
4-20
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
GND
1
A13, A19, A2, A25, AA2, AA25, AB18, AB22, AB5,
AB9, AE1, AE11, AE16, AE22, AE26, AE6, AF13,
AF19, AF2, AF25, B1, B11, B16, B22, B26, B6, E18,
E22, E5, E9, F2, F25, G11, G16, J22, J5, K11, K13,
K14, K16, L10, L11, L16, L17, L2, L20, L25, L7, M13,
M14, N10, N12, N13, N14, N15, N17, P10, P12, P13,
P14, P15, P17, R13, R14, T10, T11, T16, T17, T2,
T20, T25, T7, U11, U13, U14, U16, V22, V5, Y11, Y16
LFE2M50: A1, A13, A18, A24, A30, A7, AA14, AA15,
AA16, AA17, AA24, AA27, AA4, AB24, AB7, AD12,
AD19, AD27, AE22, AE27, AE4, AE9, AF14, AF17,
AF25, AF6, AJ10, AJ21, AJ27, AJ4, AK1, AK13,
AK18, AK24, AK30, AK7, B10, B21, B27, B4, D25,
D6, E14, E17, F22, F27, F4, F9, G12, G19, J24, J7,
K14, K15, K16, K17, K27, K4, L14, L15, L16, L17,
M23, M8, N14, N15, N16, N17, N27, N4, P11, P13,
P14, P15, P16, P17, P18, P20, R10, R11, R13, R14,
R15, R16, R17, R18, R20, R21, R24, R7, T10, T11,
T13, T14, T15, T16, T17, T18, T20, T21, T24, T7,
U11, U13, U14, U15, U16, U17, U18, U20, V14, V15,
V16, V17, V27, V4, W23, W8, Y14, Y15, Y16, Y17
LFE2M70/LFE2M100: A1, A13, A18, A24, A30, A7,
AA14, AA15, AA16, AA17, AA24, AA27, AA4, AB24,
AB7, AD12, AD19, AD27, AE22, AE27, AE4, AE9,
AF14, AF17, AF25, AF6, AJ10, AJ21, AJ27, AJ4,
AK1, AK13, AK18, AK24, AK30, AK7, B10, B21, B27,
B4, D25, D6, E14, E17, F22, F27, F4, F9, G12, G19,
J24, J7, K14, K15, K16, K17, K27, K4, L14, L15, L16,
L17, M23, M8, N15, N16, N17, N27, N4, P11, P13,
P14, P15, P16, P17, P18, P20, R10, R11, R13, R14,
R15, R16, R17, R18, R20, R21, R24, R7, T10, T11,
T13, T14, T15, T16, T17, T18, T20, T21, T24, T7,
U11, U13, U14, U15, U16, U17, U18, U20, V14, V15,
V16, V17, V27, V4, W23, W8, Y14, Y15, Y16, Y17
NC
2
LFE2M35: AB3, AB4, AC1, AC2, AD15, AD18, AD20,
AD23, AE13, AE25, AF16, AF22, B4, B5, C26, D20,
D21, D22, D23, D24, D25, D26, E20, E21, E25, E26,
F20, G20, K10, K17, R4, U10, U23, V10, W7, N7, V7
LFE2M50: AB3, AB4, AC1, AC2, B4, B5, C26, D20,
D21, D22, D23, D24, D25, D26, E20, E21, E25, E26,
F20, G20, K10, K17, R4, U10, U23, V10, W7, AB21,
AC20, AC21, AC22, AC23, AC25, AD26, W20
LFE2M50: G5, G4, K7, K8, E1, F2, F1, G3, G2, G1,
L9, L7, K6, K5, L8, L6, AA1, AA2, Y3, AB1, Y9, Y8,
Y7, AA7, AB2, AB3, AA5, AA6, AB4, AB5, AA8, AA9,
AJ1, AK4, AH6, AH3, AH11, AH8, AK10, AJ13,
AB26, AB27, Y24, Y25, AA29, Y28, Y30, Y29, W22,
V22, Y27, Y26, W30, W29, W25, W26, L24, L23, D30,
D29, K24, K25, J27, K26, J26, H26, H27, G26, H23,
H24, D28, E28, J18, J19, H17, J17, F18, F17, B13,
A10, C8, C11, C3, C6, A4, B1, AA26, AB11, AB12,
AB13, AB14, AB15, AB16, AB17, AB19, AB20, AB21,
AC11, AC21, AC22, AD21, AD22, AE23, AF20,
AF23, AG23, AG26, F20, F23, G10, G20, G21, H19,
H20, H21, H22, J20, J21, R9, U22, W9
LFE2M70/LFE2M100: AA26, AB10, AB11, AB12,
AB13, AB14, AB15, AB16, AB17, AB19, AB20, AB21,
AB9, AC10, AC11, AC21, AC22, AC8, AC9, AD21,
AD22, AD4, AD5, AD6, AD7, AD8, AE23, AE5, AE6,
AE7, AF20, AF23, AF5, AG23, AG26, D10, E10, E11,
F10, F20, F23, F8, G10, G20, G21, G7, G8, G9, H19,
H20, H21, H22, H6, H8, H9, J10, J20, J21, J9, K9,
R9, U22, W9
1. All grounds must be electrically connected at the board level. For fpBGA packages, the total number of GND balls is less than the actual
number of GND logic connections from the die to the common package GND plane.
2. NC pins should not be connected to any active signals, VCC or GND.
3. For package migration across device densities, the designer must comprehend the package pin requirements for the SERDES blocks. Spe-
cifically, the SERDES power pins of the largest density device must be accounted to accommodate migration to other smaller devices using
the same package. Please refer to technical note TN1160, LatticeECP2/M Density Migration, for more details.
LatticeECP2M Power Supply and NC (Cont.)
Signal
672 fpBGA
900 fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com