Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 58Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 59Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 60Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 61Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 62Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 63Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 64Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 65Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
PSD835G2
PSD8XX Family
61
9.4.5 Ports A, B and C – Functionality and Structure
Ports A and B have similar functionality and structure, as shown in Figure 26. The two
ports can be configured to perform one or more of the following functions:
t MCU I/O Mode
t CPLD Output – Micro
⇔Cells McellA[7:0] can be connected to Port A.
McellB[7:0] can be connected to Port B.
External chip select ECS [7:0] can be connected to Port C.
t CPLD Input
– Via the input Micro
⇔Cells.
t Address In – Additional high address inputs using the Input Micro
⇔Cells.
t Open Drain/Slew Rate – pins PC[7:0]can be configured to fast slew rate,
pins PA[7:0] and PB[7:0] can be configured to Open Drain
Mode.
Figure 26. Port A, B and C
The
PSD835G2
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com