Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 8Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 9Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 10Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 11Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 12Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 13Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 14Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 15Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
PSD835G2
PSD8XX Family
11
Table 6 shows the offset addresses to the PSD835G2 registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD835G2 registers. Table 6 provides brief descriptions of the registers in CSIOP
space. For a more detailed description, refer to section 9.
7.0 PSD835G2
Register
Description and
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Port F
Port G
Other*
Description
Data In
00
01
10
11
30
40
41
Reads Port pin as input,
MCU I/O input mode
Control
32
42
43
Selects mode between
MCU I/O or Address Out
Stores data for output
Data Out
04
05
14
15
34
44
45
to Port pins, MCU I/O
output mode
Direction
06
07
16
17
36
46
47
Configures Port pin as
input or output
Configures Port pins as
either CMOS or Open
Drive Select
08
09
18
19
38
48
49
Drain on some pins, while
selecting high slew rate
on other pins.
Input Micro
⇔Cell
0A
0B
1A
Reads Input Micro
⇔Cells
Reads the status of the
Enable Out
0C
0D
1C
4C
output enable to the I/O
Port driver
Read – reads output of
Output
Micro
⇔Cells A
Micro
⇔Cells A
20
Write – loads Micro
⇔cell
Flip-Flops
Read – reads output of
Output
Micro
⇔Cells B
Micro
⇔Cells B
21
Write – loads Micro
⇔cell
Flip-Flops
Mask
22
Blocks writing to the
Micro
⇔Cells A
Output Micro
⇔Cells A
Mask
23
Blocks writing to the
Micro
⇔Cells B
Output Micro
⇔Cells B
Flash Protection
C0
Read only – Flash Sector
Protection
Flash Boot
Read only – PSD Security
Protection
C2
and Flash Boot Sector
Protection
JTAG Enable
C7
Enables JTAG Port
PMMR0
B0
Power Management
Register 0
PMMR2
B4
Power Management
Register 2
Page
E0
Page Register
Places PSD memory
VM
E2
areas in Program and/or
Data space on an
individual basis.
Memory_ID0
F0
Read only – Flash and
SRAM size
Memory_ID1
F1
Read only – Boot type
and size
Table 6. Register Address Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com