Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 70 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 66Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 67Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 68Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 69Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 70Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 71Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 72Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 73Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
PSD835G2
PSD8XX Family
69
The
PSD835G2
Functional
Blocks
(cont.)
9.5.3 Reset and Power On Requirement
9.5.3.1 Power On Reset
Upon power up the PSD835G2 requires a reset pulse of tNLNH-PO (minimum 1 ms) after
VCC is steady. During this time period the device loads internal configurations, clears
some of the registers and sets the Flash into operating mode. After the rising edge of
reset, the PSD835G2 remains in the reset state for an additional tOPR (maximum 120 ns)
nanoseconds before the first memory access is allowed.
The PSD835G2 Flash memory is reset to the read array mode upon power up. The FSi
and CSBOOTi select signals along with the write strobe signal must be in the false
state during power-up reset for maximum security of the data contents and to remove
the possibility of data being written on the first edge of a write strobe signal. Any Flash
memory write cycle initiation is prevented automatically when VCC is below VLKO.
9.5.3.2 Warm Reset
Once the device is up and running, the device can be reset with a much shorter pulse of
tNLNH (minimum 150 ns). The same tOPR time is needed before the device is operational
after warm reset. Figure 31 shows the timing of the power on and warm reset.
OPERATING LEVEL
POWER ON RESET
VCC
RESET
t NLNH–PO
t OPR
t NLNH-A
t NLNH
t OPR
WARM
RESET
Figure 31. Power On and Warm Reset Timing
9.5.3.3
I/O Pin, Register and PLD Status at Reset
Table 29 shows the I/O pin, register and PLD status during power on reset, warm reset
and power down mode. PLD outputs are always valid during warm reset, and they are
valid in power on reset once the internal PSD configuration bits are loaded. This loading of
PSD is completed typically long before the VCC ramps up to operating level. Once the PLD
is active, the state of the outputs are determined by the equations specified in PSDsoft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com