Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 67Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 68Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 69Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 70Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 71Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 72Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 73Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 74Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
PSD8XX Family
PSD835G2
70
Port E Pin
JTAG Signals
Description
PE0
TMS
Mode Select
PE1
TCK
Clock
PE2
TDI
Serial Data In
PE3
TDO
Serial Data Out
PE4
TSTAT
Status
PE5
TERR
Error Flag
Table 30. JTAG Port Signals
9.6 Programming In-Circuit using the JTAG-ISP Interface
The JTAG-ISP interface on the PSD835G2 can be enabled on Port E (see Table 30). All
memory (Flash and Flash Boot Block), PLD logic, and PSD configuration bits may be
programmed through the JTAG-ISC interface. A blank part can be mounted on a printed
circuit board and programmed using JTAG-ISP.
The standard JTAG signals (IEEE 1149.1) are TMS, TCK, TDI, and TDO. Two additional
signals, TSTAT and TERR, are optional JTAG extensions used to speed up program and
erase operations.
*SR_cod and Periph Mode bits in the VM Register are always cleared to zero on power on or warm reset.
**
Port Configuration
Power On Reset
Warm Reset
Power Down Mode
MCU I/O
Input Mode
Input Mode
Unchanged
PLD Output
Valid after internal
Valid
Depend on inputs to
PSD configuration
PLD (address are
bits are loaded
blocked in PD mode)
Address Out
Tri-stated
Tri-stated
Not defined
Data Port
Tri-stated
Tri-stated
Tri-stated
Peripheral I/O
Tri-stated
Tri-stated
Tri-stated
Table 29. Status During Power On Reset, Warm Reset and Power Down Mode
Register
Power On Reset
Warm Reset
Power Down Mode
PMMR0, 2
Cleared to “0”
Unchanged
Unchanged
Micro
⇔Cells Flip
Cleared to “0” by
Depend on .re and
Depend on .re and
Flop status
internal power on
.pr equations
.pr equations
reset
VM Register*
Initialized based on
Initialized based on
Unchanged
the selection in
the selection in
PSDsoft
PSDsoft
Configuration Menu.
Configuration Menu.
All other registers
Cleared to “0”
Cleared to “0”
Unchanged
9.5.3.4 Reset of Flash Erase and Programming Cycles
An external reset on the RESET pin will also reset the internal Flash memory state
machine. When the Flash is in programming or erase mode, the RESET pin will terminate
the programming or erase operation and return the Flash back to read mode in tNLNH-A
(minimum 25 µs) time.
By default, on a blank PSD (as shipped from factory or after erasure), four pins on Port E
are enabled for the basic JTAG signals TMS, TCK, TDI, and TDO.
See ST Application Note AN1153 for more details on JTAG In-System-Programming.
The
PSD835G2
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com