Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 12Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 13Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 14Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 15Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 16Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 17Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 18Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 19Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
PSD835G2
PSD8XX Family
15
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Periph-
**
FL_data
Boot_data
FL_code
Boot_code
SR_code
mode
VM Register
Bit definitions:
Bit 0 0 = PSEN can’t access SRAM in 80C51XA modes.
1 = PSEN can access SRAM in 80C51XA modes.
Bit 1 0 = PSEN can’t access Boot in 80C51XA modes.
1 = PSEN can access Boot in 80C51XA modes.
Bit 2 0 = PSEN can’t access main Flash in 80C51XA modes.
1 = PSEN can access main Flash in 80C51XA modes.
Bit 3 0 = RD can’t access Boot in 80C51XA modes.
1 = RD can access Boot in 80C51XA modes.
Bit 4 0 = RD can’t access main Flash in 80C51XA modes.
1 = RD can access main Flash in 80C51XA modes.
Bit 7 0 = Peripheral mode of Port F is disabled.
1 = Peripheral mode of Port F is enabled.
Note: Upon reset, Bit1-Bit4 are loaded to configurations selected by the user in PSDsoft. Bit 0 and Bit 7 are
always cleared by reset. Bit 0 to Bit 4 are active only when the device is configured in Philips 80C51XA
mode.
* Not used bit should be set to zero
8.0
Register Bit
Definition
(cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S_size 3
S_size 2
S_size 1
S_size 0
F_size 3
F_size 2
F_size 1
F_size 0
Memory_ID0 Register
Bit definitions:
F_size[3:0] = 4h, main Flash size is 2M bit.
F_size[3:0] = 5h, main Flash size is 8M bit.
S_size[3:0] = 0h, SRAM size is 0K bit.
S_size[3:0] = 1h, SRAM size is 16K bit.
S_size[3:0] = 3h, SRAM size is 64K bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
**
B_type 1
B_type 0
B_size 3
B_size 2
B_size 1
B_size 0
Memory_ID1 Register
Bit definitions:
B_size[3:0] = 0h, Boot block size is 0K bit.
B_size[3:0] = 2h, Boot block size is 256K bit.
B_type[1:0] = 0h, Boot block is Flash memory.
*Not used bit should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com