Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 81Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 82Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 83Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 84Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 85Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 86Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 87Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 88Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
PSD8XX Family
PSD835G2
84
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
150
ns
tOPR
RESET High to Operational Device
120
ns
tNLNH-PO
Power On Reset Active Low Time
1
ms
tNLNH-A
Warm RESET Active Low Time
(Note 2)
25
µs
Reset Pin Timing (5 V ± 10%)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD835G2 AC/DC Parameters
(5V ± 10% Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output High
(Note 1)
20
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
(Note 1)
20
µs
Vstbyon Timing (5 V ± 10%)
-70
-90
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
80
90
ns
Maximum Delay from APD Enable
Using CLKIN Input
15
* tCLCL (µs) (Note 1)
µs
tCLWH
to Internal PDN Valid Signal
Power Down Timing (5 V ± 10%)
NOTE: 1. RESET will not abort Flash programming/erase cycles.
2. RESET will abort Flash programming or erase cycle.
NOTE: 1. Vstbyon is measured at VCC ramp rate of 2 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com