Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 15Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 16Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 17Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 18Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 19Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 20Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 21Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 22Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
9.1.1.4 Memory Operation
The main Flash and secondary Flash memories are addressed through the microcontroller
interface on the PSD835G2 device. The microcontroller can access these memories in one
of two ways:
t The microcontroller can execute a typical bus write or read operation just as it would
if accessing a RAM or ROM device using standard bus cycles.
t The microcontroller can execute a specific instruction that consists of several write
and read operations. This involves writing specific data patterns to special addresses
within the Flash to invoke an embedded algorithm. These instructions are summarized
in Table 8.
Typically, Flash memory can be read by the microcontroller using read operations, just
as it would read a ROM device. However, Flash memory can only be erased and
programmed with specific instructions. For example, the microcontroller cannot write a
single byte directly to Flash memory as one would write a byte to RAM. To program a byte
into Flash memory, the microcontroller must execute a program instruction sequence, then
test the status of the programming event. This status test is achieved by a read
operation or polling the Rdy/Busy pin (PE4).
The Flash memory can also be read by using special instructions to retrieve particular
Flash device information (sector protect status and ID).
9.1.1.4.1 Instructions
An instruction is defined as a sequence of specific operations. Each received byte is
sequentially decoded by the PSD and not executed as a standard write operation. The
instruction is executed when the correct number of bytes are properly received and the
time between two consecutive bytes is shorter than the time-out value. Some instructions
are structured to include read operations after the initial write operations.
The sequencing of any instruction must be followed exactly. Any invalid combination of
instruction bytes or time-out between two consecutive bytes while addressing Flash
memory will reset the device logic into a read array mode (Flash memory reads like a
ROM device).
The PSD835G2 main Flash and secondary Flash support these instructions (see Table 8):
t Erase memory by chip or sector
t Suspend or resume sector erase
t Program a byte
t Reset to read array mode
t Read Main Flash Identifier value
t Read sector protection status
t Bypass Instruction
These instructions are detailed in Table 8. For efficient decoding of the instructions, the
first two bytes of an instruction are the coded cycles and are followed by a command byte
or confirmation byte. The coded cycles consist of writing the data AAh to address X555h
during the first cycle and data 55h to address XAAAh during the second cycle (unless the
Bypass Instruction feature is used. See 9.1.1.7). Address lines A15-A12 are don’t care
during the instruction write cycles. However, the appropriate sector select signal (FSi or
CSBOOTi) must be selected.
The main Flash and the secondary Flash Block have the same set of instructions (except
Read main Flash ID). The chip selects of the Flash memory will determine which Flash will
receive and execute the instruction. The main Flash is selected if any one of the FS0-7 is
active, and the secondary Flash Block is selected if any one of the CSBOOT0-3 is active.
The
PSD835G2
Functional
Blocks
(cont.)
PSD8XX Family
PSD835G2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com