Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 66 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 62Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 63Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 64Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 65Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 66Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 67Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 68Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 69Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
PSD835G2
PSD8XX Family
65
The
PSD835G2
Functional
Blocks
(cont.)
Access
5V VCC,
PLD
Memory
Recovery Time
Typical
Propagation
Access
to Normal
Standby
Mode
Delay
Time
Access
Current
Power Down
Normal tpd
No Access
tLVDV
50 µA
(Note 1)
(Note 2)
Table 26. PSD835G2 Timing and Standby Current During Power
Down Mode
NOTES: 1. Power Down does not affect the operation of the PLD. The PLD operation in this
mode is based only on the Turbo Bit.
2. Typical current consumption assuming no PLD inputs are changing state and
the PLD Turbo bit is off.
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Three-State
Peripheral I/O
Three-State
Table 25. Power Down Mode’s Effect on
Ports
9.5.1 Automatic Power Down (APD) Unit and Power Down Mode (cont.)
Power Down Mode
By default, if you enable the PSD APD unit, Power Down Mode is automatically enabled.
The device will enter Power Down Mode if the address strobe (ALE/AS) remains inactive
for fifteen CLKIN (pin PD1) clock periods.
The following should be kept in mind when the PSD is in Power Down Mode:
• If the address strobe starts pulsing again, the PSD will return to normal operation.
The PSD will also return to normal operation if either the CSI input returns low or the
Reset input returns high.
• The MCU address/data bus is blocked from all memories and PLDs.
• Various signals can be blocked (prior to Power Down Mode) from entering the PLDs
by setting the appropriate bits in the PMMR registers. The blocked signals include
MCU control signals and the common clock (CLKIN). Note that blocking CLKIN from
the PLDs will not block CLKIN from the APD unit.
• All PSD memories enter Standby Mode and are drawing standby current. However,
the PLDs and I/O ports do not go into Standby Mode because you don’t want to
have to wait for the logic and I/O to “wake-up” before their outputs can change. See
Table 25 for Power Down Mode effects on PSD ports.
• Typical standby current is 50 µA for 5 V parts. This standby current value assumes
that there are no transitions on any PLD input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com