Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 75 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 71Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 72Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 73Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 74Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 75Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 76Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 77Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 78Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
PSD8XX Family
PSD835G2
74
AC/DC
Parameters
The following tables describe the AD/DC parameters of the PSD8XX family:
t DC Electrical Specification
t AC Timing Specification
• PLD Timing
– Combinatorial Timing
– Synchronous Clock Mode
– Asynchronous Clock Mode
– Input Micro
⇔Cell Timing
• Microcontroller Timing
– Read Timing
– Write Timing
– Peripheral Mode Timing
– Power Down and Reset Timing
Following are issues concerning the parameters presented:
t In the DC specification the supply current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD8XX is in each mode. Also, the supply power is considerably different if the
Turbo bit is "OFF".
t The AC power component gives the PLD, Flash memory, and SRAM mA/MHz
specification. Figures 32 and 32a show the PLD mA/MHz as a function of the number
of Product Terms (PT) used.
t In the PLD timing parameters, add the required delay when Turbo bit is "OFF".
Figure 32. PLD ICC /FrequencyConsumption (VCC = 5 V ± 10%)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com